Electronic Components Datasheet Search
  English  ▼

X  

TIP121 Datasheet(PDF) 1 Page - Multicomp Pro

Part # TIP121
Description  Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP121 Datasheet(HTML) 1 Page - Multicomp Pro

  TIP121 Datasheet HTML 1Page - Multicomp Pro TIP121 Datasheet HTML 2Page - Multicomp Pro TIP121 Datasheet HTML 3Page - Multicomp Pro TIP121 Datasheet HTML 4Page - Multicomp Pro TIP121 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page <1>
V1.0
18/12/19
Darlington Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Designed for general-purpose amplifier and low speed switching applications
• Collector-emitter sustaining voltage - Vceo(sus) = 60V (minimum) - TIP120, TIP125
80V (minimum) - TIP121, TIP126
100V (minimum) - TIP122, TIP127
• Collector-emitter saturation voltage - Vce(sat) = 2V (maximum) at Ic = 3A
• Monolithic construction with built-in base-emitter shunt resistors
Maximum Ratings
Parameter
Symbol
TIP120
TIP121
TIP122
Unit
TIP125
TIP126
TIP127
Collector-Emitter Voltage
Vceo
60
80
100
V
Collector-Base Voltage
Vcbo
Emitter-Base Voltage
Vebo
5
Collector Current - Continuous
- Peak
Ic
Icm
5
8
A
Base Current
Ib
120
mA
Total Power Dissipation at Tc = 25°C
Derate above 25°C
Pd
65
0.52
W
W / °C
Operating and Storage Junction
Temperature Range
Tj, Tstg
-65 to +150
°C
Thermal Characteristics
Parameter
Symbol
Maximum
Unit
Thermal Resistance Junction to Case
RθJC
1.92
°C / W


Similar Part No. - TIP121

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP121 MOSPEC-TIP121 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP121 MOTOROLA-TIP121 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP121 POINN-TIP121 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP121 STMICROELECTRONICS-TIP121 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Boca Semiconductor Corp...
TIP121 BOCA-TIP121 Datasheet
28Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results

Similar Description - TIP121

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
Darlington Transistors
March, 2001 ??Rev. 1
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
Darlington Transistors
August, 2009 ??Rev. 4
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
Darlington Transistors
October, 2016 ??Rev. 6
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
Darlington Transistors
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
Darlington Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com