Electronic Components Datasheet Search
  English  ▼

X  

ADC101S051 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC101S051
Description  ADC081S101 Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S051 Datasheet(HTML) 4 Page - Texas Instruments

  ADC101S051 Datasheet HTML 1Page - Texas Instruments ADC101S051 Datasheet HTML 2Page - Texas Instruments ADC101S051 Datasheet HTML 3Page - Texas Instruments ADC101S051 Datasheet HTML 4Page - Texas Instruments ADC101S051 Datasheet HTML 5Page - Texas Instruments ADC101S051 Datasheet HTML 6Page - Texas Instruments ADC101S051 Datasheet HTML 7Page - Texas Instruments ADC101S051 Datasheet HTML 8Page - Texas Instruments ADC101S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADC081S101
SNAS310D – JANUARY 2006 – REVISED JANUARY 2014
www.ti.com
ADC081S101 Converter Electrical Characteristics
(1) (2)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 10 MHz to 20 MHz, CL = 15 pF, fSAMPLE = 500
ksps to 1 Msps, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing
8
Bits
Codes
LSB
INL
Integral Non-Linearity
VA = +2.7V to +5.25V
±0.05
±0.3
(max)
LSB
DNL
Differential Non-Linearity
VA = +2.7V to +5.25V
±0.07
±0.3
(max)
LSB
VOFF
Offset Error
VA = +2.7V to +5.25V
±0.03
±0.3
(max)
LSB
GE
Gain Error
VA = +2.7V to +5.25V
±0.08
±0.4
(max)
LSB
TUE
Total Unadjusted Error
VA = +2.7V to +5.25V
±0.07
±0.3
(max)
DYNAMIC CONVERTER CHARACTERISTICS
Signal-to-Noise Plus
VA = +2.7 to 5.25V
SINAD
49.7
49
dB (min)
Distortion Ratio
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SNR
Signal-to-Noise Ratio
49.7
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
THD
Total Harmonic Distortion
−77
−65
dB (max)
fIN = 100 kHz, −0.02 dBFS
Spurious-Free Dynamic
VA = +2.7 to 5.25V
SFDR
68
65
dB (min)
Range
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
ENOB
Effective Number of Bits
7.9
7.8
Bits (min)
fIN = 100 kHz, −0.02 dBFS
Intermodulation Distortion,
VA = +5.25V
−68
dB
Second Order Terms
fa = 103.5 kHz, fb = 113.5 kHz
IMD
Intermodulation Distortion,
VA = +5.25V
−68
dB
Third Order Terms
fa = 103.5 kHz, fb = 113.5 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
4
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
VIH
Input High Voltage
V (min)
VA = +3.6V
2.1
VA = +5V
0.8
V (max)
VIL
Input Low Voltage
VA = +3V
0.4
V (max)
IIN
Input Current
VIN = 0V or VA
±10 nA
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.07
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.1
V
ISINK = 200 µA
0.03
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.1
V
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: ADC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com