Electronic Components Datasheet Search
  English  ▼

X  

ADC101S051 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC101S051
Description  ADC081S101 Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S051 Datasheet(HTML) 1 Page - Texas Instruments

  ADC101S051 Datasheet HTML 1Page - Texas Instruments ADC101S051 Datasheet HTML 2Page - Texas Instruments ADC101S051 Datasheet HTML 3Page - Texas Instruments ADC101S051 Datasheet HTML 4Page - Texas Instruments ADC101S051 Datasheet HTML 5Page - Texas Instruments ADC101S051 Datasheet HTML 6Page - Texas Instruments ADC101S051 Datasheet HTML 7Page - Texas Instruments ADC101S051 Datasheet HTML 8Page - Texas Instruments ADC101S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
4
5
6
VA
CS
GND
SDATA
VIN
SCLK
ADC081S101
ADC081S101
www.ti.com
SNAS310D – JANUARY 2006 – REVISED JANUARY 2014
ADC081S101 Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
Check for Samples: ADC081S101
1
FEATURES
DESCRIPTION
The ADC081S101 is a low-power, single channel
2
•
Specified Over a Range of Sample Rates.
CMOS 8-bit analog-to-digital converter with a high-
•
6-Lead WSON and SOT-23 Packages
speed
serial
interface.
Unlike
the
conventional
•
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC081S101 is fully specified over a
•
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 500 ksps to 1 Msps. The
•
SPI™/QSPI™/MICROWIRE/DSP Compatible
converter is based upon a successive-approximation
register architecture with an internal track-and-hold
APPLICATIONS
circuit.
•
Portable Systems
The output serial data is straight binary, and is
•
Remote Data Aquisitions
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
•
Instrumentation and Control Systems
serial interfaces.
KEY SPECIFICATIONS
The ADC081S101 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
•
DNL ± 0.07 LSB (typ)
consumption using a +3V or +5V supply is 2.0 mW
•
INL ± 0.05 LSB (typ)
and 10.0 mW, respectively. The power-down feature
•
SNR 49.7 dB (typ)
reduces the power consumption to just 2.5 µW using
a +5V supply.
•
Power Consumption
The ADC081S101 is packaged in an 6-lead WSON
–
3V Supply 2.0 mW (typ)
and SOT-23 packages. Operation over the industrial
–
5V Supply 10.0 mW (typ)
temperature range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC101S101
8-bit
ADC081S021
ADC081S051
ADC081S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. 6-Lead SOT-23 or WSON
See DBV or NGF Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com