Electronic Components Datasheet Search
  English  ▼

X  

ADS5440IPFPR Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5440IPFPR
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5440IPFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5440IPFPR Datasheet HTML 13Page - Texas Instruments ADS5440IPFPR Datasheet HTML 14Page - Texas Instruments ADS5440IPFPR Datasheet HTML 15Page - Texas Instruments ADS5440IPFPR Datasheet HTML 16Page - Texas Instruments ADS5440IPFPR Datasheet HTML 17Page - Texas Instruments ADS5440IPFPR Datasheet HTML 18Page - Texas Instruments ADS5440IPFPR Datasheet HTML 19Page - Texas Instruments ADS5440IPFPR Datasheet HTML 20Page - Texas Instruments ADS5440IPFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
AVDD − Supply Voltage − V
65
66
67
68
69
70
4.70
4.80
4.90
5.00
5.10
5.20
5.30
G029
fS = 210 MSPS
fIN = 100 MHz
TA = 0°C
TA = 65°C
TA = 85°C
TA = 25°C
TA = −40°C
DRVDD − Supply Voltage − V
70
71
72
73
74
75
76
77
78
79
80
2.9
3.1
3.3
3.5
3.7
G030
fS = 210 MSPS
fIN = 100 MHz
TA = −40°C
TA = 0°C
TA = 25°C
TA = 65°C
TA = 85°C
DRVDD − Supply Voltage − V
65
66
67
68
69
70
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G031
fS = 210 MSPS
fIN = 100 MHz
TA = 0°C
TA = 65°C
TA = 85°C
TA = 25°C
TA = −40°C
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Signal-to-Noise Ratio
Spurious Free Dynamic Range
vs
vs
AVDD Across Temperature
DRVDD Across Temperature
Figure 30.
Figure 31.
Signal-to-Noise Ratio
vs
DRVDD Across Temperature
Figure 32.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com