Electronic Components Datasheet Search
  English  ▼

X  

ADS5500 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5500
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5500 Datasheet HTML 2Page - Texas Instruments ADS5500 Datasheet HTML 3Page - Texas Instruments ADS5500 Datasheet HTML 4Page - Texas Instruments ADS5500 Datasheet HTML 5Page - Texas Instruments ADS5500 Datasheet HTML 6Page - Texas Instruments ADS5500 Datasheet HTML 7Page - Texas Instruments ADS5500 Datasheet HTML 8Page - Texas Instruments ADS5500 Datasheet HTML 9Page - Texas Instruments ADS5500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2)
Input Clock
Analog
Input
Signal
Sample
N
N + 1
N + 2
N + 3
N + 4
N + 1 4
N + 1 6
N + 1 7
N + 1 5
N − 17
N − 16
N − 15
N − 14
N − 13
N − 3
N − 2
N − 1
N
tsu
th
tSTART
tA
tEND
tPDI
Data Out
(D0−D11)
17.5 Clock Cycles
Data Invalid
Output Clock
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-VPP differential clock, and CLOAD = 10 pF, unless
otherwise noted
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
tA
Aperture delay
Input CLK falling edge to data sampling point
1
ns
Aperture jitter (uncertainty)
Uncertainty in sampling instant
300
fs
tSETUP Data setup time
Data valid(3) to 50% of CLKOUT rising edge
3.2
4.2
ns
tHOLD
Data hold time
50% of CLKOUT rising edge to data becoming invalid(3)
1.8
3.0
ns
tSTART Input clock to output data valid
Input clock rising edge to data valid start delay
3.8
5.0
ns
start(4)(5)
tEND
Input clock to output data valid
Input clock rising edge to data valid end delay(4)(5)
8.4
11.0
ns
end
tJIT
Output clock jitter
Uncertainty in CLKOUT rising edge, peak-to-peak
210
315
psPP
tr
Output clock rise time
Rise time of CLKOUT from 20% to 80% of DRVDD
2.5
2.8
ns
tf
Output clock fall time
Fall time of CLKOUT from 80% to 20% of DRVDD
2.1
2.3
ns
tPDI
Input clock to output clock
Input clock rising edge, zero crossing, to output clock rising
7.1
8.0
8.9
ns
delay
edge 50%
tr
Data rise time
Data rise time measured from 20% to 80% of DRVDD
5.8
6.6
ns
tf
Data fall time
Data fall time measured from 80% to 20% of DRVDD
4.4
5.3
ns
Output enable(OE) to data
Time required for outputs to have stable timings with regard to
1000
Clock
output delay
input clock(6) after OE is activated
cycles
Time to valid data after coming out of software power down
1000
Clock
Wakeup time
cycles
Time to valid data after stopping and restarting the clock
1000
Latency
Time for a sample to propagate to the ADC outputs
17.5
Clock
cycles
(1)
Timing parameters are ensured by design and characterization, and not tested in production.
(2)
See Table 5 through Table 6 in the Application Information section for timing information at additional sampling frequencies.
(3)
Data valid refers to 2 V for LOGIC HIGH and 0.8 V for LOGIC LOW.
(4)
See the Output Information section for details on using the input clock for data capture.
(5)
These specifications apply when the CLKOUT polarity is set to rising edge (according to Table 2). Add 1/2 clock period for the valid
number for a falling edge CLKOUT polarity.
(6)
Data outputs are available within a clock from assertion of OE; however, it takes 1000 clock cycles to ensure stable timing with respect
to input clock.
A.
It is recommended that the loading at CLKOUT and all data lines are accurately matched to ensure that the above
timing matches closely with the specified values.
Figure 1. Timing Diagram
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com