Electronic Components Datasheet Search
  English  ▼

X  

ADS5500 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5500
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5500 Datasheet HTML 6Page - Texas Instruments ADS5500 Datasheet HTML 7Page - Texas Instruments ADS5500 Datasheet HTML 8Page - Texas Instruments ADS5500 Datasheet HTML 9Page - Texas Instruments ADS5500 Datasheet HTML 10Page - Texas Instruments ADS5500 Datasheet HTML 11Page - Texas Instruments ADS5500 Datasheet HTML 12Page - Texas Instruments ADS5500 Datasheet HTML 13Page - Texas Instruments ADS5500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.ti.com
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
PIN CONFIGURATION (continued)
PIN ASSIGNMENTS
TERMINAL
NO. OF
NAME
NO.
PINS
I/O
DESCRIPTION
5, 7, 9, 15, 22,
AVDD
24, 26, 28, 33,
12
I
Analog power supply
34, 37, 39
6, 8, 12–14,
16, 18, 21, 23,
AGND
14
I
Analog ground (PowerPAD is connected to analog ground.)
25, 27, 32, 36,
38
DRVDD
49, 58
2
I
Output driver power supply
1, 42, 48, 50,
DRGND
6
I
Output driver ground
57, 59
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 1-
µF capacitor in series with a 1-Ω resistor to GND
REFM
30
1
O
Reference voltage (negative); 1-
µF capacitor in series with a 1-Ω resistor to GND
IREF
31
1
I
Current set; 56.2-k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), Internal 200-k
Ω resistor to AV
DD
(1)
OE
41
1
I
Output enable (active high)(2)
DFS
40
1
I
Data format and clock out polarity select(3)(2)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select(2)
SDATA
3
1
I
Serial interface data(2)
SCLK
2
1
I
Serial interface clock(2)
D0 (LSB) to
44-47, 51-56,
14
O
Parallel data output
D13 (MSB)
60-63
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
(1)
If unused, the RESET pin should be tied to AGND. See the serial programmine interface section for details.
(2)
Pins OE, DFS, SEN, SDATA, and SCLK have internal clamping diodes to the DRVDD supply. Any external circuit driving these pins
must also run off the same supply voltage as DRVDD.
(3)
Table 3defines the voltage levels for each mode selectable via the DFS pin.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com