Electronic Components Datasheet Search
  English  ▼

X  

ADS7812PB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7812PB
Description  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7812PB Datasheet(HTML) 1 Page - Texas Instruments

  ADS7812PB Datasheet HTML 1Page - Texas Instruments ADS7812PB Datasheet HTML 2Page - Texas Instruments ADS7812PB Datasheet HTML 3Page - Texas Instruments ADS7812PB Datasheet HTML 4Page - Texas Instruments ADS7812PB Datasheet HTML 5Page - Texas Instruments ADS7812PB Datasheet HTML 6Page - Texas Instruments ADS7812PB Datasheet HTML 7Page - Texas Instruments ADS7812PB Datasheet HTML 8Page - Texas Instruments ADS7812PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Low-Power, Serial 12-Bit Sampling
ANALOG-TO-DIGITAL CONVERTER
DESCRIPTION
The ADS7812 is a low-power, single +5V supply, 12-bit
sampling analog-to-digital converter. It contains a complete
12-bit capacitor-based SAR A/D with a sample/hold, clock,
reference, and serial data interface.
The converter can be configured for a variety of input ranges
including
±10V, ±5V, 0V to 10V, and 0.5V to 4.5V. A high
impedance 0.3V to 2.8V input range is also available (input
impedance > 10M
Ω). For most input ranges, the input
voltage can swing to +16.5V or –16.5V without damage to
the converter.
A flexible SPI compatible serial interface allows data to be
synchronized to an internal or external clock. The ADS7812
is specified at a 40kHz sampling rate over the –40
°C to
+85
°C temperature range. It is available in a 0.3" DIP-16 or
an SO-16 package.
FEATURES
q 20
µs max CONVERSION TIME
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 16-BIT ADS7813
q EASY-TO-USE SERIAL INTERFACE
q 0.3" DIP-16 AND SO-16
q
±0.5LSB max INL AND DNL
q 72dB min SINAD
q USES INTERNAL OR EXTERNAL
REFERENCE
q MULTIPLE INPUT RANGES
q 35mW max POWER DISSIPATION
q NO MISSING CODES
q 50
µW POWER DOWN MODE
ADS7812
ADS7
812
8k
Ω(1)
CDAC
4k
Ω(1)
40k
Ω(1)
20k
Ω(1)
Internal
+2.5V Ref
Clock
EXT/INT
DATACLK
DATA
Successive Approximation Register and Control Logic
Serial
Data
Out
Comparator
Buffer
BUSY
PWRD
CONV
R1
IN
R3
IN
REF
BUF
CAP
CS
R2
IN
NOTE: (1) Actual value may vary ±30%.
APPLICATIONS
q DATA ACQUISITION SYSTEMS
q INDUSTRIAL CONTROL
q TEST EQUIPMENT
q DIGITAL SIGNAL PROCESSING
ADS7812
SBAS042A – MARCH 1997 – REVISED SEPTEMBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS7812PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7812PB BURR-BROWN-ADS7812PB Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812PB TI1-ADS7812PB Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812PB TI1-ADS7812PB Datasheet
1Mb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812PBG4 TI1-ADS7812PBG4 Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7812PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com