Electronic Components Datasheet Search
  English  ▼

X  

ADS7828 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 18Page - Texas Instruments ADS7828 Datasheet HTML 19Page - Texas Instruments ADS7828 Datasheet HTML 20Page - Texas Instruments ADS7828 Datasheet HTML 21Page - Texas Instruments ADS7828 Datasheet HTML 22Page - Texas Instruments ADS7828 Datasheet HTML 23Page - Texas Instruments ADS7828 Datasheet HTML 24Page - Texas Instruments ADS7828 Datasheet HTML 25Page - Texas Instruments ADS7828 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
0.1 µF (typical)
VDD
VDD
SDA
SCL
Microcontroller or
Microprocessor
with I C Port
2
5
14
1
2
9
4
GND
CH3
CH4
SCL
15
16
7
6
SDA
VDD
CH6
CH5
ADS7828-Q1
Inputs Selected
from Configuration
Register
Pullup Resistors
1 k
to 10 k
(typical)
CH0
CH1
ADS7828-Q1
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following sections give example circuits and suggestions for using the ADS7828-Q1 device in various
situations.
8.1.1 Basic Connections
For many applications, connecting the ADS7828-Q1 device is simple. Figure 21 shows a basic connection
diagram for the ADS7828-Q1 device.
The fully differential voltage input of the ADS7828-Q1 device is ideal for connection to differential sources with
moderately low source impedance, such as thermocouples and thermistors. Although the ADS7828-Q1 device
can read bipolar differential signals, they cannot accept negative voltages on either input. It may be helpful to
think of the ADS7828-Q1 positive voltage input as noninverting, and of the negative input as inverting.
When the ADS7828-Q1 device converts data, it draws current in short spikes. The 0.1-
μF bypass capacitor
supplies the momentary bursts of extra current needed from the supply.
The ADS7828-Q1 device interfaces directly to standard mode, fast mode, and high-speed mode I2C controllers.
Any microcontroller I2C peripheral, including master-only and non-multiple-master I2C peripherals, can operate
with the ADS7828-Q1 device. The ADS7828-Q1 device does not perform clock-stretching (that is, it never pulls
the clock line low), so it is not necessary to provide for this function unless other clock-stretching devices are on
the same I2C bus.
Pullup resistors are required on both the SDA and SCL lines because I2C bus drivers are open-drain. The size of
these resistors depends on the bus operating speed and capacitance of the bus lines. Higher-value resistors
consume less power, but increase the transition times on the bus, limiting the bus speed. Lower-value resistors
allow higher speed at the expense of higher power consumption. Long bus lines have higher capacitance and
require smaller pullup resistors to compensate. The resistors should not be too small; if they are, the bus drivers
may not be able to pull the bus lines low.
Figure 21. Typical Connections of the ADS7828-Q1
22
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com