Electronic Components Datasheet Search
  English  ▼

X  

ADS7813P Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS7813P
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7813P Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS7813P Datasheet HTML 13Page - Texas Instruments ADS7813P Datasheet HTML 14Page - Texas Instruments ADS7813P Datasheet HTML 15Page - Texas Instruments ADS7813P Datasheet HTML 16Page - Texas Instruments ADS7813P Datasheet HTML 17Page - Texas Instruments ADS7813P Datasheet HTML 18Page - Texas Instruments ADS7813P Datasheet HTML 19Page - Texas Instruments ADS7813P Datasheet HTML 20Page - Texas Instruments ADS7813P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ADS7813
17
SBAS043C
www.ti.com
Figure 16 shows a QSPI-equipped microcontroller interfac-
ing to three ADS7813s. There are many possible variations
to this interface scheme. As shown, the QSPI port produces
a common CONV signal which initiates a conversion on all
three converters. After the conversions are finished, each
result is transferred in turn. The QSPI port is completely
programmable to handle the timing and transfers without
processor intervention. If the CONV signal is generated in
this way, it should be possible to make both AC and DC
measurements with the ADS7813, as the CONV signal will
have low jitter. Note that if the CONV signal is generated via
software commands, it will have a good deal of jitter and
only low frequency (DC) measurements can be made.
SPI INTERFACING
The serial peripheral interface (SPI) is directly related to the
QSPI and both Figures 15 and 16 can be used as a guide for
connecting the ADS7813 to SPI-equipped microcontrollers.
For most microcontrollers, the SPI port is capable of 8-bit
transfers only. In the case of Figure 15, be aware that the
microcontroller may have to be capable of fetching the 8
most significant bits before they are overwritten by the 8
least significant bits.
DSP56002 INTERFACING
The DSP56002 serial interface has an SPI compatibility
mode with some enhancements. Figure 17 shows an inter-
face between the ADS7813 and the DSP56002. As with the
QSPI interface of Figure 15, the DSP56002 must be pro-
grammed to enable the serial interface when a LOW to
HIGH transition on SCI occurs.
The DSP56002 can also provide the CONV signal, as shown
in Figure 18. The receive and transmit sections of the
interface are decoupled (asynchronous mode) and the trans-
mit section is set to generate a word length frame sync every
other transmit frame (frame rate divider set to 2). The
prescale modulus should be set to produce a transmit frame
at twice the desired conversion rate.
FIGURE 18. DSP56002 Interface to the ADS7813. Processor Initiates Conversions.
CONV
BUSY
DATACLK
DATA
CS
EXT/INT
ADS7813
DSP56002
SC2
SC0
SRD
SYN = 0 (Asychronous)
GCK = 1 (Gated clock)
SCD2 = 1 (SC2 is an output)
SHFD = 0 (Shift MSB first)
WL1 = 1
WL0 = 0 (Word length = 16 bits)
FIGURE 16. QSPI Interface to Three ADS7813s.
FIGURE 17. DSP56002 Interface to the ADS7813.
CONV
BUSY
DATA
DATACLK
CS
EXT/INT
ADS7813
SC1
SRD
SCO
DSP56002
SYN = 0 (Asychronous)
GCK = 1 (Gated clock)
SCD1 = 0 (SC1 is an input)
SHFD = 0 (Shift MSB first)
WL1 = 1 WL0 = 0 (Word length = 16 bits)
Convert Pulse
CONV
CS
DATACLK
DATA
EXT/INT
ADS7813
PCS0
PCS1
PCS2
PCS3
SCK
MISO
QSPI
CONV
CS
DATACLK
DATA
EXT/INT
ADS7813
CONV
CS
DATACLK
DATA
EXT/INT
ADS7813
+5V
+5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com