Electronic Components Datasheet Search
  English  ▼

X  

ADS7813P Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS7813P
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7813P Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7813P Datasheet HTML 10Page - Texas Instruments ADS7813P Datasheet HTML 11Page - Texas Instruments ADS7813P Datasheet HTML 12Page - Texas Instruments ADS7813P Datasheet HTML 13Page - Texas Instruments ADS7813P Datasheet HTML 14Page - Texas Instruments ADS7813P Datasheet HTML 15Page - Texas Instruments ADS7813P Datasheet HTML 16Page - Texas Instruments ADS7813P Datasheet HTML 17Page - Texas Instruments ADS7813P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ADS7813
14
SBAS043C
www.ti.com
The range for the external reference is 2.3V to 2.7V. The
voltage on REF determines the full-scale range of the con-
verter and the corresponding LSB size. Increasing the refer-
ence voltage will increase the LSB size in relation to the
internal noise sources which, in turn, can improve signal-to-
noise ratio. Likewise, decreasing the reference voltage will
reduce the LSB size and signal-to-noise ratio.
CAP
The CAP pin is used to compensate the internal reference
buffer. A 1
µF tantalum capacitor in parallel with a 0.01µF
ceramic capacitor should be connected between this pin and
ground, with the ceramic capacitor placed as close to the
ADS7813 as possible. The total value of the capacitance on
the CAP pin is critical to optimum performance of the
ADS7813. A value larger than 2.0
µF could overcompensate
the buffer while a value lower than 0.5
µF may not provide
adequate compensation. The ESR (equivalent series resis-
tance) of these compensation capacitors is also critical. Keep
the total ESR under 3
Ω. See the Typical Characteristic curve,
|Worst-Case INL| vs ESR of Reference Buffer Compensation
Capacitor, for how the worst-case INL is affected by ESR.
BUF
The voltage on the BUF pin is the output of the internal
reference buffer. This pin is used to provide +2.5V to the
analog input or inputs for the various input configurations.
The BUF output can provide up to 1mA of current to an
external load. The load should be constant as a variable load
could affect the conversion result by modulating the BUF
voltage. Also note that the BUF output will show significant
glitches as each bit decision is made during a conversion.
Between conversions, the BUF output is quiet.
POWER DOWN
The ADS7813 has a power-down mode that is activated by
taking CONV LOW and then PWRD HIGH. This will
power down all of the analog circuitry including the refer-
ence, reducing power dissipation to under 50
µW. To exit the
power-down mode, CONV is taken HIGH and then PWRD
is taken LOW. Note that a conversion will be initiated if
PWRD is taken HIGH while CONV is LOW.
While in the power-down mode, the voltage on the capaci-
tors connected to CAP and REF will begin to leak off. The
voltage on the CAP capacitor leaks off much more rapidly
than on the REF capacitor (the REF input of the ADS7813
becomes high-impedance when PWRD is HIGH—this is not
true for the CAP input). When the power-down mode is
exited, these capacitors must be allowed to recharge and
settle to a 16-bit level. Figure 11 shows the amount of time
typically required to obtain a valid 16-bit result based on the
amount of time spent in power down (at room temperature).
This figure assumes that the total capacitance on the CAP
pin is 1.01
µF.
Figure 12 provides a circuit which can significantly reduce
the power up time if the power down time will be fairly brief
(a few seconds or less). A low on-resistance MOSFET is
used to disconnect the capacitance on the CAP pin from the
leakage paths internal to the ADS7813. This allows the
capacitors to retain their charge for a much longer period of
time, reducing the time required to recharge them at power
up. With this circuit, the power-down time can be extended
to tens or hundreds of milliseconds with almost instanta-
neous power up.
FIGURE 12. Improved Power-Up Response Circuit.
FIGURE 11. Power-Down to Power-Up Response.
POWER-DOWN TO POWER-UP RESPONSE
Power-Down Duration (ms)
300
250
200
150
100
50
0
0.1
1
10
100
T
A = +25°C
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
8
7
6
5
0.01µF
1µF
1RF7604
+
Power-Down Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com