Electronic Components Datasheet Search
  English  ▼

X  

TDA8177F Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8177F
Description  VERTICAL DEFLECTION BOOSTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8177F Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8177F_05 Datasheet HTML 1Page - STMicroelectronics TDA8177F_05 Datasheet HTML 2Page - STMicroelectronics TDA8177F_05 Datasheet HTML 3Page - STMicroelectronics TDA8177F_05 Datasheet HTML 4Page - STMicroelectronics TDA8177F_05 Datasheet HTML 5Page - STMicroelectronics TDA8177F_05 Datasheet HTML 6Page - STMicroelectronics TDA8177F_05 Datasheet HTML 7Page - STMicroelectronics TDA8177F_05 Datasheet HTML 8Page - STMicroelectronics TDA8177F_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDA8177F
2/9
Figure 3. Block Diagram
Table 1. Absolute Maximum Ratings
Note: 1. Versus Pin 4.
2. The output current can reach 4A peak for t
≤10µs (up to 120Hz).
3. Provided SOAR is respected (see Figures 6 and 7).
4. Equivalent to discharging a 200pF capacitor through a 0k
Ω series resistor.
5. Equivalent to discharging a 150pF capacitor through a 1.5k
Ω series resistor.
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 2) (see note 1)
40
V
V6
Flyback Peak Voltage (Pin 6) (see note 1)
75
V
V1, V7
Amplifier Input Voltage (Pins 1-7) (see note 1)
–0.3, +VS
V
IO
Maximum Output Peak Current (see notes 2 and 3)
2.5
A
I3
Maximum Sink Current (< 1ms)
2.5
A
I3
Maximum Source Current (t < 1ms) (in the diode, see Block
Diagram)
2.5
A
VESD1
ESD Susceptibility Tool Model (see note 4)
300
V
VESD2
Human Model (see note 5)
2
kV
V3 - V2
Voltage Difference between Flyback Supply and Supply Voltage
50
V
V3, V5, V6
Min. Voltage (see note 1)
–0.4
V
TOPER
Operating Ambient Temperature
–20, +75
°C
TSTG,
Storage Temperature
–40, +150
°C
Tj
Junction Temperature
+150
°C
TDA8177F
4
5
7
1
2
3
6
INVERTING INPUT
NON-INVERTING INPUT
OUTPUT
GROUND
SUPPLY
VOLTAGE
OUTPUT
STAGE
SUPPLY
FLYBACK
SUPPLY
POWER
AMPLIFIER
THERMAL
PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com