Electronic Components Datasheet Search
  English  ▼

X  

TDA8177F Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8177F
Description  VERTICAL DEFLECTION BOOSTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8177F Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8177F_05 Datasheet HTML 1Page - STMicroelectronics TDA8177F_05 Datasheet HTML 2Page - STMicroelectronics TDA8177F_05 Datasheet HTML 3Page - STMicroelectronics TDA8177F_05 Datasheet HTML 4Page - STMicroelectronics TDA8177F_05 Datasheet HTML 5Page - STMicroelectronics TDA8177F_05 Datasheet HTML 6Page - STMicroelectronics TDA8177F_05 Datasheet HTML 7Page - STMicroelectronics TDA8177F_05 Datasheet HTML 8Page - STMicroelectronics TDA8177F_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
TDA8177F
Figure 5. DC Coupling
Figure 6. Output Transistors SOA
(for secondary breakdown)
Figure 7. Secondary Breakdown Temperature
Derating Curve
(ISB = secondary breakdown current)
4
5
R2
R1
1
6
7
R5
2
POWER
AMPLIFIER
Flyback
Supply
3
TDA8177F
VREF+
VREF-
Vertical
Position
Adjustment
-VEE
POWER
AMPLIFIER
POWER
AMPLIFIER
+ VS
+VS
t = 1ms
t = 10ms
t = 100ms
IC (A)
10
1
10-1
VCE (V)
@ T
case
= 25˚C
10-2
1
10
102
100
90
80
70
60
25
50
75
100
ISB (%)
Tcase (C˚)
125



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com