Electronic Components Datasheet Search
  English  ▼

X  

TLP795G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP795G
Description  PHOTO RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP795G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP795G Datasheet HTML 1Page - Toshiba Semiconductor TLP795G Datasheet HTML 2Page - Toshiba Semiconductor TLP795G Datasheet HTML 3Page - Toshiba Semiconductor TLP795G Datasheet HTML 4Page - Toshiba Semiconductor TLP795G Datasheet HTML 5Page - Toshiba Semiconductor TLP795G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TOSHIBA
TOSHIBA CORPORATION
615
PHOTO RELAY
TLP795G
The information contained here is subject to change without notice.
The information contained herein is presented only as guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties
which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. These TOSHIBA products are intended for usage in general electronic
equipments (office equipment, communication equipment, measuring equipment, domestic electrification, etc.) Please make sure that you consult with us before you use these TOSHIBA products in equip-
ments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life (atomic energy control, spaceship, traffic signal, combustion control, all types
of safety devices, etc.). TOSHIBA cannot accept liability to any damage which may occur in case these TOSHIBA products were used in the mentioned equipments without prior consultation with TOSHIBA.
Telecommunication
Data Acquisition
Measurement Instrumentation
The Toshiba TLP795G consists of an aluminum gallium
arsenide infrared emitting diode optically coupled to a
photo-MOSFET in a six lead plastic DIP package. The
TLP795G is a bi-directional switch which can replace
mechanical relays in many applications.
• Peak Off-State Voltage
: 400V (Min.)
• Trigger LED Current
: 5mA (Max.)
• On-State Current
: 150mA (Max.) (A Connection)
• On-State Resistance
: 12
Ω (Max.) (A Connection)
• Isolation Voltage
: 0.4mm (Min.)
• Isolation Voltage
: 5000Vrms (Min.)
Pin Configuration (Top View)
Schematic
Unit in mm
Supplementary Information
Page (s)
Lead Form Options
31-32
Tape and Reel
39-40


Similar Part No. - TLP795G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
Photocouplers Optically Isolation Amplifiers
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
Photocouplers Optically Isolation Amplifiers
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930F TOSHIBA-TLP7930F Datasheet
537Kb / 18P
Photocouplers Optically Isolated Delta-Sigma Modulator
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
Cordless Telephone
More results

Similar Description - TLP795G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G Datasheet
174Kb / 3P
PHOTO RELAY
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA_07 Datasheet
189Kb / 6P
Photo Relay
TLP227G TOSHIBA-TLP227G_07 Datasheet
217Kb / 6P
Photo Relay
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
Photo Relay
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com