Electronic Components Datasheet Search
  English  ▼

X  

TLP795G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP795G
Description  PHOTO RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP795G Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP795G Datasheet HTML 1Page - Toshiba Semiconductor TLP795G Datasheet HTML 2Page - Toshiba Semiconductor TLP795G Datasheet HTML 3Page - Toshiba Semiconductor TLP795G Datasheet HTML 4Page - Toshiba Semiconductor TLP795G Datasheet HTML 5Page - Toshiba Semiconductor TLP795G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TOSHIBA CORPORATION
617
TLP795G
Individual Electrical Characteristics (Ta = -25
°C)
Coupled Electrical Characteristics (Ta = 25
°C)
Isolation Characteristics (Ta = 25
°C)
Switching Characteristics (Ta = 25
°C)
Figure 1. Switching Time Test Circuit
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.*
MX.
UNIT
LED
Forward Voltage
VF
IF = 10mA
1.2
1.4
1.7
V
Reverse Current
IR
VR = 3V
–
–
10
µA
Capacitance
CT
V = 0, f = 1MHz
–
15
–
pF
DETECTOR
Off-State Current
IOFF
VOFF = 400V
–
–
1
µA
Capacitance
COFF
V = 0, f = 1MHz
–
–
–
pF
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MX.
UNIT
Trigger LED Current
IFT
ION = 150mA
–
1
5
mA
On-State Resistance
A Connection
RON
ION = 150mA, IF = 10mA
–
8
12
Ω
B Connection
ION = 200mA, IF = 10mA
–
4
6
C Connection
ION = 300mA, IF = 10mA
–
2
3
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MX.
UNIT
Capacitance Input to Output
CS
VS = 0, f = 1MHz
–
0.8
–
pF
Isolation Resistance
RS
VS = 500V, R.H. ≤ 60%
5 x 1010
1014
–
Ω
Isolation Voltage
BVS
AC, 1 minute
2500
–
–
Vrms
AC, 1 second in oil
–
10000
–
DC, 1 minute in oil
–
10000
–
Vdc
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MX.
UNIT
Turn-on Time
ton
VDD = 20mA, RL = 200Ω
IF = 10mA
(Note 2)
–
0.3
1.0
ms
Turn-off Time
toff
–
0.2
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com