Electronic Components Datasheet Search
  English  ▼

X  

3240830 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240830
Description  WT-STEEL SH 7,9X679 - Cable tie
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240830 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240830 Datasheet HTML 1Page - PHOENIX CONTACT 3240830 Datasheet HTML 2Page - PHOENIX CONTACT 3240830 Datasheet HTML 3Page - PHOENIX CONTACT 3240830 Datasheet HTML 4Page - PHOENIX CONTACT 3240830 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable binders, made from rust-free stainless steel (AISI 316), suitable for the harshest of
ambient conditions (for example, salt water), with ball lock, for quick and secure bundling and
fastening
Commercial data
Item number
3240830
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BE07
Product key
BE7132
GTIN
4046356705783
Weight per piece (including packing)
99.99 g
Weight per piece (excluding packing)
12.9 g
Customs tariff number
73269098
Country of origin
GB
WT-STEEL SH 7,9X679 - Cable tie
3240830
https://www.phoenixcontact.com/us/products/3240830
Sep 17, 2025, 7:20AM
Page 1 (5)


Similar Part No. - 3240830

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
324083 MACOM-324083 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
PHOENIX CONTACT
3240831 PHOENIX-3240831 Datasheet
180Kb / 5P
WT-UV HF 2,5X98 BK - Cable tie
3240832 PHOENIX-3240832 Datasheet
59Kb / 3P
Cable tie - WT-UV HF 3,6X140 BK
09/12/2020
3240833 PHOENIX-3240833 Datasheet
181Kb / 5P
WT-UV HF 3,6X200 BK - Cable tie
3240834 PHOENIX-3240834 Datasheet
60Kb / 3P
Cable tie - WT-UV HF 4,5X200 BK
09/12/2020
More results

Similar Description - 3240830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240760 PHOENIX-3240760 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200
09/12/2020
3240761 PHOENIX-3240761 Datasheet
73Kb / 4P
Cable tie - WT-HF 4,5X200 BK
09/12/2020
3240763 PHOENIX-3240763 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200-L
09/12/2020
3240770 PHOENIX-3240770 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X430
09/12/2020
3240771 PHOENIX-3240771 Datasheet
73Kb / 4P
Cable tie - WT-HF 4,5X430 BK
09/12/2020
3240786 PHOENIX-3240786 Datasheet
58Kb / 3P
Cable tie - WT-HT HF 4,5X200
09/12/2020
3240797 PHOENIX-3240797 Datasheet
59Kb / 3P
Cable tie - WT-ID HF 4,5X200 BU
09/12/2020
3240803 PHOENIX-3240803 Datasheet
57Kb / 3P
Cable tie - WT-R HF 4,8X200
09/12/2020
3240820 PHOENIX-3240820 Datasheet
59Kb / 3P
Cable tie - WT-STEEL SH 4,6X150
09/12/2020
3240821 PHOENIX-3240821 Datasheet
59Kb / 3P
Cable tie - WT-STEEL SH 4,6X201
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com