Electronic Components Datasheet Search
  English  ▼

X  

3240830 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3240830
Description  WT-STEEL SH 7,9X679 - Cable tie
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240830 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3240830 Datasheet HTML 1Page - PHOENIX CONTACT 3240830 Datasheet HTML 2Page - PHOENIX CONTACT 3240830 Datasheet HTML 3Page - PHOENIX CONTACT 3240830 Datasheet HTML 4Page - PHOENIX CONTACT 3240830 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Cable tie
Tensile strength GRP
1335 N
Dimensions
Width
7.9 mm
Length
679 mm
Max. material thickness
0.25 mm
Material specifications
Color
silver-colored
Material
Stainless steel 1.4401/AISI 316
Components
free from silicone and halogen
Cable/line
External cable diameter
≤ 203.00 mm
Tensile strength
1335 N
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-80 °C ... 538 °C
Ambient temperature (assembly)
-80 °C ... 538 °C
Resistance to UV radiation
yes
Mounting
Mounting type
Cannot be removed
WT-STEEL SH 7,9X679 - Cable tie
3240830
https://www.phoenixcontact.com/us/products/3240830
Sep 17, 2025, 7:20AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com