Electronic Components Datasheet Search
  English  ▼

X  

CC2544 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2544
Description  System-on-Chip for 2.4-GHz USB Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2544 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2544 Datasheet HTML 8Page - Texas Instruments CC2544 Datasheet HTML 9Page - Texas Instruments CC2544 Datasheet HTML 10Page - Texas Instruments CC2544 Datasheet HTML 11Page - Texas Instruments CC2544 Datasheet HTML 12Page - Texas Instruments CC2544 Datasheet HTML 13Page - Texas Instruments CC2544 Datasheet HTML 14Page - Texas Instruments CC2544 Datasheet HTML 15Page - Texas Instruments CC2544 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Time
DEBUG_ CLK
P1_2
DEBUG_DATA
(to CC2544)
P1_3
DEBUG_DATA
(from CC2544)
P1_3
T0438-03
t
6
t
8
t
7
CC2544
SWRS103D – JUNE 2011 – REVISED MAY 2012
www.ti.com
Figure 6. Data Setup and Hold Timing
TIMER INPUTS AC CHARACTERISTICS
TA = –40°C to 85°C, VDD = 2 V to 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Synchronizers determine the shortest input pulse that can be
Input capture pulse duration
recognized. The synchronizers operate at the current system
1.5
tSYSCLK
clock rate (16 MHz or 32 MHz).
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): CC2544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com