Electronic Components Datasheet Search
  English  ▼

X  

CC2544 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2544
Description  System-on-Chip for 2.4-GHz USB Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2544 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2544 Datasheet HTML 9Page - Texas Instruments CC2544 Datasheet HTML 10Page - Texas Instruments CC2544 Datasheet HTML 11Page - Texas Instruments CC2544 Datasheet HTML 12Page - Texas Instruments CC2544 Datasheet HTML 13Page - Texas Instruments CC2544 Datasheet HTML 14Page - Texas Instruments CC2544 Datasheet HTML 15Page - Texas Instruments CC2544 Datasheet HTML 16Page - Texas Instruments CC2544 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
P0048-19
CC2544
RHB Package
(Top View)
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
VSS
Thermal Pad
VDD
USB_P
VDD
VDD
RF_N
RF_P
VDD
XOSC2
XOSC1
USB_N
VDD
DCPL2
VBUS
P1_0
P1_1
VDD
CC2544
www.ti.com
SWRS103D – JUNE 2011 – REVISED MAY 2012
DEVICE INFORMATION
PIN DESCRIPTIONS
NOTE: The exposed ground pad must be connected to a solid ground plane; this is the main ground connection for the chip.
Table 1. Pin Description Table
NAME
PIN
DESCRIPTION
DCPL1
31
1.8-V reg. decouple
DCPL2
4
3.3-V reg. decouple
P0_0
9
GPIO
P0_1
10
GPIO
P0_2
13
GPIO
P0_3
14
GPIO
P1_0
6
GPIO/20 mA
P1_1
7
GPIO/20 mA
P1_2
28
GPIO/debug clock
P1_3
29
GPIO/debug data
RBIAS
25
External precision bias resistor for reference current
RESET_N
15
Reset, active-low
Negative RF input signal to LNA during RX
RF_N
21
Negative RF output signal from PA during TX
Positive RF input signal to LNA during RX
RF_P
20
Positive RF output signal from PA during TX
USB_P
1
USB module
USB_N
2
USB module
VBUS
5
5-V power
VDD
3
AVDD
VDD
8, 12
IOVDD
VDD
16, 19, 22, 23, 24 AVDD
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CC2544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com