Electronic Components Datasheet Search
  English  ▼

X  

CD54HC245F Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC245F
Description  CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non- Inverting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC245F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC245F Datasheet HTML 2Page - Texas Instruments CD54HC245F Datasheet HTML 3Page - Texas Instruments CD54HC245F Datasheet HTML 4Page - Texas Instruments CD54HC245F Datasheet HTML 5Page - Texas Instruments CD54HC245F Datasheet HTML 6Page - Texas Instruments CD54HC245F Datasheet HTML 7Page - Texas Instruments CD54HC245F Datasheet HTML 8Page - Texas Instruments CD54HC245F Datasheet HTML 9Page - Texas Instruments CD54HC245F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5.5 Switching Characteristics
Input tt= 6ns. Unless otherwise specified, CL = 50pF
(2)
PARAMETER
VCC (V)
25°C
-40°C to 85°C
-55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tpd
Propagation delay data to
output
2
110
140
165
ns
4.5
22
28
33
6
19
24
28
tdis
Output disable to output
2
150
190
225
ns
4.5
30
38
45
6
26
33
38
ten
Output enable to output
2
150
190
225
ns
4.5
30
38
45
6
26
33
38
tt
Output transition time
2
60
75
90
ns
4.5
12
15
18
6
10
13
15
Ci
Input capacitance
10
10
10
10
pF
Cio
Three-state output capacitance
20
20
20
pF
Cpd
Power dissipation capacitance
5
53
pF
HCT TYPES
tpd
Data to output
4.5
26
33
39
ns
tdis
Output disable to output
4.5
30
38
45
ns
ten
Output enable to output
4.5
32
40
48
ns
tt
Output transition time
4.5
12
15
18
ns
Ci
Input capacitance
10
10
10
10
pF
Cio
Three-state output capacitance
20
20
20
pF
Cpd
Power dissipation
capacitance(1) (2)
5
55
pF
(1)
CPD is used to determine the dynamic power consumption, per channel.
(2)
PD = VCC 2 fi (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245
SCHS119B – NOVEMBER 1998 – REVISED JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC245 CD74HC245 CD54HCT245 CD74HCT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com