Electronic Components Datasheet Search
  English  ▼

X  

CD54HC245F Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC245F
Description  CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non- Inverting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC245F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC245F Datasheet HTML 1Page - Texas Instruments CD54HC245F Datasheet HTML 2Page - Texas Instruments CD54HC245F Datasheet HTML 3Page - Texas Instruments CD54HC245F Datasheet HTML 4Page - Texas Instruments CD54HC245F Datasheet HTML 5Page - Texas Instruments CD54HC245F Datasheet HTML 6Page - Texas Instruments CD54HC245F Datasheet HTML 7Page - Texas Instruments CD54HC245F Datasheet HTML 8Page - Texas Instruments CD54HC245F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-
Inverting
1 Features
• Buffered inputs
• Three-state outputs
• Bus line driving capability
• Typical propagation delay (A to B, B to A) 9ns at
VCC = 5V, CL = 15pF, TA = 25°C
• Fanout (over temperature range)
– Bus driver outputs :15 LSTTL loads
• Wide operating temperature range : -55°C to
125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2 V to 6 V Operation
– High Noise Immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL= 0.8
V (Max), VIH = 2 V (Min)
– CMOS input compatibility, Il ≤ 1µA at VOL, VOH
2 Description
The CDx4HC(T)245 is an octal bus transceiver with
3-state outputs. All eight channels are controlled by
the direction (DIR) pin and output enable (OE) pin.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC245F
J (CDIP, 20)
26.92 mm × 6.92 mm
CD74HC245
N (PDIP, 20)
25.40 mm × 6.35 mm
DW (SOIC, 20) 12.80 mm × 7.50 mm
CD54HCT245F
J (CDIP, 20)
26.92 mm × 6.92 mm
CD74HCT245
N (PDIP, 20)
25.40 mm × 6.35 mm
DW (SOIC, 20) 12.80 mm × 7.50 mm
(1)
For all packages see the orderable addendum at the end of
the data sheet.
Functional Block Diagram
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245
SCHS119B – NOVEMBER 1998 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC245F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245F TI-CD54HC245F Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F TI-CD54HC245F Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F3A TI-CD54HC245F3A Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F3A TI1-CD54HC245F3A Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD54HC245F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com