Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC906 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 2Page - Texas Instruments CDC906 Datasheet HTML 3Page - Texas Instruments CDC906 Datasheet HTML 4Page - Texas Instruments CDC906 Datasheet HTML 5Page - Texas Instruments CDC906 Datasheet HTML 6Page - Texas Instruments CDC906 Datasheet HTML 7Page - Texas Instruments CDC906 Datasheet HTML 8Page - Texas Instruments CDC906 Datasheet HTML 9Page - Texas Instruments CDC906 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Not Recommended for New Designs
CDC906
SCAS828B – SEPTEMBER 2006 – REVISED FEBRUARY 2008...................................................................................................................................... www.ti.com
DEVICE CHARACTERISTICS
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
OVERALL PARAMETER
All PLLs on, all outputs on,
ICC
Supply current (2)
fOUT = 80 MHz, fCLK_IN = 27 MHz,
90
115
mA
f(VCO) = 160 MHz
Power down current. Every circuit powered
ICCPD
fIN = 0 MHz, VCC = 3.6 V
50
μA
down except SMBus
Supply voltage VCC threshold for power up
VPUC
2.1
V
control circuit
All PLLs
80
200
Normal
VCO frequency of internal PLL (any of three
speed-mode(3)
f(VCO)
PLL2 with SSC
80
167
MHz
PLLs)
High-speed mode(3)
180
300
VCC = 2.5 V
250
LVCMOS output frequency range(4), See
fOUT
MHz
Figure 4
VCC = 3.3 V
300
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VCC = 3 V, II = –18 mA
–1.2
V
II
LVCMOS input current (CLK_IN0 / CLK_IN1)
VI = 0 V or VCC, VCC = 3.6 V
±5
μA
IIH
LVCMOS input current (For S1/S0)
VI = VCC, VCC = 3.6 V
5
μA
IIL
LVCMOS input current (For S1/S0)
VI = 0 V, VCC = 3.6 V
-35
–10
μA
CI
Input capacitance at CLK_IN0 and CLK_IN1
VI = 0 V or VCC
3
pF
LVCMOS PARAMETER FOR VCCOUT = 3.3-V Mode
VCCOUT = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
VCCOUT = 3 V, IOH = –4 mA
2.4
V
VCCOUT = 3 V, IOH = –6 mA
2.1
VCCOUT = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VCCOUT = 3 V, IOL = 4 mA
0.5
V
VCCOUT = 3 V, IOL = 6 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
tr0/tf0
Rise and fall time for output slew rate 0
VCCOUT = 3.3 V (20%–80%)
1.7
3.3
4.8
ns
tr1/tf1
Rise and fall time for output slew rate 1
VCCOUT = 3.3 V (20%–80%)
1.5
2.5
3.2
ns
tr2/tf2
Rise and fall time for output slew rate 2
VCCOUT = 3.3 V (20%–80%)
1.2
1.6
2.1
ns
Rise and fall time for output slew rate 3
tr3/tf3
VCCOUT = 3.3 V (20%–80%)
0.4
0.6
1
ns
(Default Configuration)
1 PLL, 1 Output
fOUT = 24.576 MHz
65
95
tjit(cc)
Cycle-to-cycle jitter (5) (6)
ps
3 PLLs, 3 Outputs
fOUT = 24.576 MHz
85
135
1 PLL, 1 Output
fOUT = 24.576 MHz
90
115
tjit(per)
Peak-to-peak period jitter(5) (6)
ps
3 PLLs, 3 Outputs
fOUT = 24.576 MHz
100
150
Output skew (see (7) and Table 5)
1.6-ns rise/fall time at f(VCO) = 150 MHz,
tsk(o)
200
ps
Pdiv = 3
(1)
All typical values are at respective nominal VCC.
(2)
For calculating total supply current, add the current from Figure 2 , Figure 3 , and Figure 4 . Using high-speed mode of the VCO reduces
the current consumption significantly. See Figure 3
(3)
Normal-speed mode or high-speed mode must be selected by the VCO frequency selection bit in Byte 6, Bit [7:5]. The min f(VCO) can be
lower but impacts jitter-performance.
(4)
The maximum output frequency may be exceeded, but specifications under the Recommended Operating Condition may change and
are no longer assured. Do not exceed the maximum power dissipation of the 20-pin TSSOP package (600 mW at no air flow). See
Figure 5 .
(5)
50000 cycles.
(6)
Jitter depends on configuration. Jitter data is for normal tr/tf, input frequency = 27 MHz, f(VCO) = 147 MHz output.
(7)
The tsk(o) specification is only valid for equal loading of all outputs.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): CDC906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com