Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC906 Datasheet(HTML) 1 Page - Texas Instruments

  CDC906 Datasheet HTML 1Page - Texas Instruments CDC906 Datasheet HTML 2Page - Texas Instruments CDC906 Datasheet HTML 3Page - Texas Instruments CDC906 Datasheet HTML 4Page - Texas Instruments CDC906 Datasheet HTML 5Page - Texas Instruments CDC906 Datasheet HTML 6Page - Texas Instruments CDC906 Datasheet HTML 7Page - Texas Instruments CDC906 Datasheet HTML 8Page - Texas Instruments CDC906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/CLK_SEL
S1
V
CC
GND
CLK_IN0
CLK_IN1
GND
SDATA
SCLOCK
Y5
Y4
V
CCOUT2
GND
Y3
Y2
V
CCOUT1
GND
Y1
Y0
TSSOP 20
Pitch0,65mm
6.6x6.6
V
CC
Not Recommended for New Designs
CDC906
www.ti.com...................................................................................................................................... SCAS828B – SEPTEMBER 2006 – REVISED FEBRUARY 2008
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
Check for Samples: CDC906
1
FEATURES
•
Commercial Temperature Range 0°C to 70°C
2
•
High Performance 3:6 PLL based Clock
•
Development and Programming Kit for Easy
Synthesizer / Multiplier / Divider
PLL Design and Programming
(TI Pro-Clock™)
•
User Programmable PLL Frequencies
•
Packaged in 20-Pin TSSOP
•
Easy In-Circuit Programming via SMBus Data
Interface
•
Factory Programmable for Customized Default
Settings are Available. Contact TI Sales Fordes
•
Wide PLL Divider Ratio Allows 0-PPM Output
for Further Details.
Clock Error
•
Generates Precise Video (27 MHz or 54 MHz)
APPLICATIONS
and Audio System Clocks from Multiple
•
Digital TV
Sampling Frequencies (fS = 16, 22.05, 24, 32,
•
Printer / Scanner
44.1, 48, 96 kHz)
•
Set Top Box
•
Clock Inputs Accept a Crystal or a
•
Video / Audio
Single-Ended LVCMOS or a Differential Input
Signal
TERMINAL ASSIGNMENT
•
Accepts Crystal Frequencies from 8 MHz up to
54 MHz
PW PACKAGE
(TOP VIEW)
•
Accepts LVCMOS or Differential Input
Frequencies up to 167 MHz
•
Two Programmable Control Inputs [S0/S1] for
User Defined Control Signals
•
Six LVCMOS Outputs with Output Frequencies
up to 167 MHz
•
LVCMOS Outputs can be Programmed for
Complementary Signals
•
Free Selectable Output Frequency via
Programmable Output Switching Matrix [6x6]
Including 7-Bit Post-Divider for Each Output
•
PLL Loop Filter Components Integrated
•
Low Period Jitter (Typical 60 ps)
•
Features Spread Spectrum Clocking (SSC) for
Lowering System EMI
•
Programmable Center Spread SSC Modulation
(±0.1%, ±0.25%, and ±0.4%) with a Mean Phase
Equal to the Phase of the Non-Modulated
Frequency
•
Programmable Down Spread SSC Modulation
(1%, 1.5%, 2%, and 3%)
•
Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
•
3.3-V Device Power Supply
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Pro-Clock is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWRG4 TI-CDC906PWRG4 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDC906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com