Electronic Components Datasheet Search
  English  ▼

X  

CSD13385F5.Z Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD13385F5.Z
Description  CSD13385F5 12-V N-Channel FemtoFET™ MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13385F5.Z Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD13385F5.Z Datasheet HTML 5Page - Texas Instruments CSD13385F5.Z Datasheet HTML 6Page - Texas Instruments CSD13385F5.Z Datasheet HTML 7Page - Texas Instruments CSD13385F5.Z Datasheet HTML 8Page - Texas Instruments CSD13385F5.Z Datasheet HTML 9Page - Texas Instruments CSD13385F5.Z Datasheet HTML 10Page - Texas Instruments CSD13385F5.Z Datasheet HTML 11Page - Texas Instruments CSD13385F5.Z Datasheet HTML 12Page - Texas Instruments CSD13385F5.Z Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
7.2 Recommended Minimum PCB Layout
www.ti.com
EXAMPLE BOARD LAYOUT
(0.5)
3X (0.39)
3X (0.15)
(0.05) MIN
ALL AROUND
(R0.05) TYP
4222132/B 08/2016
PicoStar
- 0.35 mm max height
YJK0003A
PicoStar
SYMM
1
3
SYMM
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:50X
SOLDER MASK
OPENING
TYP
METAL UNDER
SOLDER MASK
TYP
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
TM
TM
A.
All dimensions are in millimeters.
B.
For more information, see FemtoFET Surface Mount Guide (SLRA003D).
7.3 Recommended Stencil Pattern
www.ti.com
EXAMPLE STENCIL DESIGN
(R0.05) TYP
3X (0.39)
3X (0.2)
(0.525)
2X (0.15)
(0.15)
4222132/B 08/2016
PicoStar
- 0.35 mm max height
YJK0003A
PicoStar
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
TM
SOLDER PASTE EXAMPLE
ON 0.075 - 0.1 mm THICK STENCIL
SCALE:50X
SYMM
1
3
SYMM
SOLDER MASK EDGE
TYP
A.
All dimensions are in millimeters.
www.ti.com
CSD13385F5
SLPS612B – OCTOBER 2016 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CSD13385F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com