Electronic Components Datasheet Search
  English  ▼

X  

CSD83325L Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD83325L
Description  CSD83325L 12-V Dual N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD83325L Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD83325L Datasheet HTML 6Page - Texas Instruments CSD83325L Datasheet HTML 7Page - Texas Instruments CSD83325L Datasheet HTML 8Page - Texas Instruments CSD83325L Datasheet HTML 9Page - Texas Instruments CSD83325L Datasheet HTML 10Page - Texas Instruments CSD83325L Datasheet HTML 11Page - Texas Instruments CSD83325L Datasheet HTML 12Page - Texas Instruments CSD83325L Datasheet HTML 13Page - Texas Instruments CSD83325L Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.22 MAX
0.65 TYP
2X 1.3
0.65
TYP
6X
0.33
0.27
0.325 TYP
B
1.15
1.07
A
2.20
2.12
PicoStar
- 0.22 mm max height
YJE0006A
PicoStar
4221674/C 07/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
TM
PicoStar is a trademark of Texas Instruments.
PIN A1
CORNER
SEATING PLANE
SCALE 7.500
A
B
C
1
2
0.015
C A B
SYMM
SYMM
D: Max =
E: Max =
2.19 mm, Min =
1.14 mm, Min =
2.13 mm
1.08 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com