Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM7301
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 5 Page - Texas Instruments

  LM7301 Datasheet HTML 1Page - Texas Instruments LM7301 Datasheet HTML 2Page - Texas Instruments LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DAC081S101
www.ti.com
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Values shown in this table are design targets and are subject to change before product release.
The following specifications apply for VA = +2.7V to +5.5V, RL = 2kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 4 to 251. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Units
Parameter
Test Conditions
Typical (1)
Limits (1)
(Limits)
LOGIC INPUT
IIN
Input Current(3)
±1
µA (max)
VA = 5V
0.8
V (max)
VIL
Input Low Voltage(3)
VA = 3V
0.5
V (max)
VA = 5V
2.4
V (min)
VIH
Input High Voltage(3)
VA = 3V
2.1
V (min)
CIN
Input Capacitance(3)
3
pF (max)
POWER REQUIREMENTS
VA = 5.5V
256
328
µA (max)
Normal Mode
fSCLK = 30 MHz
VA = 3.6V
174
224
µA (max)
VA = 5.5V
221
294
µA (max)
Normal Mode
fSCLK = 20 MHz
VA = 3.6V
154
200
µA (max)
VA = 5.0V
142
µA (max)
Normal Mode
fSCLK = 0
VA = 3.0V
107
µA (max)
IA
Supply Current (output unloaded)
VA = 5.0V
83
µA (max)
All PD Modes,
fSCLK = 30 MHz
VA = 3.0V
42
µA (max)
VA = 5.0V
56
µA (max)
All PD Modes,
fSCLK = 20 MHz
VA = 3.0V
28
µA (max)
VA = 5.5V
0.06
1.0
µA (max)
All PD Modes,
fSCLK = 0
(3)
VA = 3.6V
0.04
1.0
µA (max)
VA = 5.5V
1.41
1.80
mW (max)
Normal Mode
fSCLK = 30 MHz
VA = 3.6V
0.63
0.81
mW (max)
VA = 5.5V
1.22
1.62
mW (max)
Normal Mode
fSCLK = 20 MHz
VA = 3.6V
0.55
0.72
mW (max)
VA = 5.0V
0.71
µW (max)
Normal Mode
fSCLK = 0
VA = 3.0V
0.32
µW (max)
Power Consumption (output
PC
unloaded)
VA = 5.0V
0.42
µW (max)
All PD Modes,
fSCLK = 30 MHz
VA = 3.0V
0.13
µW (max)
VA = 5.0V
0.28
µW (max)
All PD Modes,
fSCLK = 20 MHz
VA = 3.0V
0.08
µW (max)
VA = 5.5V
0.33
5.5
µW (max)
All PD Modes,
fSCLK = 0
(3)
VA = 3.6V
0.14
3.6
µW (max)
VA = 5V
91
%
IOUT / IA
Power Efficiency
ILOAD = 2mA
VA = 3V
94
%
(3)
This parameter is guaranteed by design and/or characterization and is not tested in production.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com