Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM7301
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 1 Page - Texas Instruments

  LM7301 Datasheet HTML 1Page - Texas Instruments LM7301 Datasheet HTML 2Page - Texas Instruments LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DAC081S101
www.ti.com
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Check for Samples: DAC081S101
1
FEATURES
DESCRIPTION
The DAC081S101 is a full-featured, general purpose
23
•
Guaranteed Monotonicity
8-bit voltage-output digital-to-analog converter (DAC)
•
Low Power Operation
that can operate from a single +2.7V to 5.5V supply
•
Rail-to-Rail Voltage Output
and consumes just 175 µA of current at 3.6 Volts.
The on-chip output amplifier allows rail-to-rail output
•
Power-on Reset to Zero Volts Output
swing and the three wire serial interface operates at
•
SYNC Interrupt Facility
clock rates up to 30 MHz over the specified supply
•
Wide Power Supply Range (+2.7V to +5.5V)
voltage range and is compatible with standard SPI™,
QSPI, MICROWIRE and DSP interfaces. Competitive
•
Small Packages
devices are limited to 20 MHz clock rates at supply
•
Power Down Feature
voltages in the 2.7V to 3.6V range.
The supply voltage for the DAC081S101 serves as its
APPLICATIONS
voltage reference, providing the widest possible
•
Battery-Powered Instruments
output dynamic range. A power-on reset circuit
•
Digital Gain and Offset Adjustment
ensures that the DAC output powers up to zero volts
and remains there until there is a valid write to the
•
Programmable Voltage & Current Sources
device.
A
power-down
feature
reduces
power
•
Programmable Attenuators
consumption to less than a microWatt.
The low power consumption and small packages of
the DAC081S101 make it an excellent choice for use
in battery operated equipment.
The DAC081S101 is a direct replacement for the
AD5300 and is one of a family of pin compatible
DACs, including the 10-bit DAC101S101 and the 12-
bit DAC121S101. The DAC081S101 operates over
the extended industrial temperature range of
−40°C
to +105°C.
Table 1. Key Specifications
VALUE
Resolution
8 bits
DNL
+0.04, -0.02 LSB (typ)
Output Settling Time
3 µs (typ)
Zero Code Error
3.8mV (typ)
Full-Scale Error
−0.07 %FS (typ)
Normal Mode
0.63 mW (3.6V) / 1.41 mW (5.5V) typ
Power Consumption
Pwr Down Mode
0.14 µW (3.6V) / 0.33 µW (5.5V) typ
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI-LM7301 Datasheet
1Mb / 22P
At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
LM7301 TI-LM7301 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
Texas Instruments
LM7301 TI1-LM7301 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
More results

Similar Description - LM7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com