Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM7301
Description  DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments LM7301 Datasheet HTML 10Page - Texas Instruments LM7301 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
DAC082S085
www.ti.com
SNAS365G – MAY 2006 – REVISED JUNE 2016
Product Folder Links: DAC082S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range
3 to 252. All limits are at TA = 25°C, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
(2)
MAX
UNIT
ZOUT
DC output impedance
7.5
Ω
REFERENCE INPUT CHARACTERISTICS
VREFIN
Input range minimum
TA = 25°C
0.2
V
TMIN ≤ TA ≤ TMAX
1
Input range maximum
TMIN ≤ TA ≤ TMAX
VA
Input impedance
60
k
Ω
LOGIC INPUT CHARACTERISTICS
IIN
Input current
(3)
TMIN ≤ TA ≤ TMAX
±1
µA
VIL
Input low voltage
(3)
VA = 3 V
TA = 25°C
0.9
V
TMIN ≤ TA ≤ TMAX
0.6
VA = 5 V
TA = 25°C
1.5
TMIN ≤ TA ≤ TMAX
0.8
VIH
Input high voltage
(3)
VA = 3 V
TA = 25°C
1.4
V
TMIN ≤ TA ≤ TMAX
2.1
VA = 5 V
TA = 25°C
2.1
TMIN ≤ TA ≤ TMAX
2.4
CIN
Input capacitance
(3)
TMIN ≤ TA ≤ TMAX
3
pF
POWER REQUIREMENTS
VA
Supply voltage minimum
TMIN ≤ TA ≤ TMAX
2.7
V
Supply voltage maximum
TMIN ≤ TA ≤ TMAX
5.5
IN
Normal supply current
(output unloaded)
fSCLK = 30 MHz
VA = 2.7 V to 3.6 V
TA = 25°C
210
µA
TMIN ≤ TA ≤ TMAX
270
VA = 4.5 V to 5.5 V
TA = 25°C
320
TMIN ≤ TA ≤ TMAX
410
fSCLK = 0
VA = 2.7 V to 3.6 V
190
VA = 4.5 V to 5.5 V
290
IPD
Power down supply current
(output unloaded, SYNC =
DIN = 0 V after PD mode
loaded)
All PD Modes
(3)
VA = 2.7 V to 3.6 V
TA = 25°C
0.1
µA
TMIN ≤ TA ≤ TMAX
1
VA = 4.5 V to 5.5 V
TA = 25°C
0.15
µA
TMIN ≤ TA ≤ TMAX
1
PN
Normal supply power (output
unloaded)
fSCLK = 30 MHz
VA = 2.7 V to 3.6 V
TA = 25°C
0.6
mW
TMIN ≤ TA ≤ TMAX
1
VA = 4.5 V to 5.5 V
TA = 25°C
1.6
TMIN ≤ TA ≤ TMAX
2.3
fSCLK = 0
VA = 2.7 V to 3.6 V
0.6
VA = 4.5 V to 5.5 V
1.5
PPD
Power down supply current
(output unloaded, SYNC =
DIN = 0 V after PD mode
loaded)
All PD Modes
(3)
VA = 2.7 V to 3.6 V
TA = 25°C
0.3
µW
TMIN ≤ TA ≤ TMAX
3.6
VA = 4.5 V to 5.5 V
TA = 25°C
0.8
TMIN ≤ TA ≤ TMAX
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com