Electronic Components Datasheet Search
  English  ▼

X  

DLP2000AFQC Datasheet(PDF) 1 Page - Texas Instruments

Part # DLP2000AFQC
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000AFQC Datasheet(HTML) 1 Page - Texas Instruments

  DLP2000AFQC Datasheet HTML 1Page - Texas Instruments DLP2000AFQC Datasheet HTML 2Page - Texas Instruments DLP2000AFQC Datasheet HTML 3Page - Texas Instruments DLP2000AFQC Datasheet HTML 4Page - Texas Instruments DLP2000AFQC Datasheet HTML 5Page - Texas Instruments DLP2000AFQC Datasheet HTML 6Page - Texas Instruments DLP2000AFQC Datasheet HTML 7Page - Texas Instruments DLP2000AFQC Datasheet HTML 8Page - Texas Instruments DLP2000AFQC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DLP2000 (.2 nHD) DMD
1 Features
• Ultra compact 0.2-Inch (5.55-mm) diagonal
micromirror array
– 640 × 360 array of aluminum micrometer-sized
mirrors, in an orthogonal layout
– 7.56-Micron micromirror pitch
– 12° micromirror tilt (relative to flat surface)
– Corner illumination for optimal efficiency and
optical engine size
• Dedicated DLPC2607 display controller and
DLPA1000 PMIC/LED driver for reliable operation
2 Applications
• Internet of Things (IoT) devices including:
– Control panels
– Security systems
– Thermostats
• Wearable displays
• Embedded displays for products including:
– Tablets
– Cameras
– Artificial intelligence (AI) assistants
• Micro digital signage
• Ultra-low power smart accessory projectors
3 Description
The DLP2000 digital micromirror device (DMD) is
a digitally controlled micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DLP2000 DMD displays a crisp and high-quality
image or video. DLP2000 is part of the chipset that
comprises the DLP2000 DMD and DLPC2607 display
controller. This chipset is also supported by the
DLPA1000 PMIC/LED driver. The compact physical
size of the DLP2000 is well-suited for portable
equipment where a small form factor and low power
is important. The compact package compliments the
small size of LEDs to enable highly efficient, robust
light engines.
Visit the getting started with TI DLP®Pico™ display
technology page to learn how to get started with the
DLP2000 DMD.
The DLP2000 includes established resources to help
the user accelerate the design cycle, which include
production ready optical modules, optical modules
manufactures, and design houses.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE (NOM)
DLP2000
FQC (42)
14.12 mm × 4.97 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VOFFSET
VBIAS
VRESET
DATA(11:0)
LOADB
SCTRL
SAC_BUS
DCLK
DRC_BUS
DRC_OEZ
DRC_STROBE
VCC
VSS
SCAN_TEST
DLP2000 DMD
DLPC2607
DLPA1000
Display Controller
Digital Micromirror Device
Power Management
Simplified Application
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLP2000AFQC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2000AFQC TI1-DLP2000AFQC Datasheet
623Kb / 40P
DLP2000 (.2 nHD) DMD
More results

Similar Description - DLP2000AFQC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
DMD
DLP2000 TI1-DLP2000 Datasheet
602Kb / 40P
DLP2000 (.2nHD) DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
DMD MASTR
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
DLP2010 .2 WVGA DMD
DLP2000 TI1-DLP2000_19 Datasheet
623Kb / 40P
DLP2000 (.2 nHD) DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
DLP2010LC .2 WVGA DMD
DLP160CP TI-DLP160CP Datasheet
1Mb / 41P
DLP160CP 0.16 nHD DMD
DLPS228 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com