Electronic Components Datasheet Search
  English  ▼

X  

DLP2000AFQC Datasheet(PDF) 12 Page - Texas Instruments

Part # DLP2000AFQC
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000AFQC Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP2000AFQC Datasheet HTML 8Page - Texas Instruments DLP2000AFQC Datasheet HTML 9Page - Texas Instruments DLP2000AFQC Datasheet HTML 10Page - Texas Instruments DLP2000AFQC Datasheet HTML 11Page - Texas Instruments DLP2000AFQC Datasheet HTML 12Page - Texas Instruments DLP2000AFQC Datasheet HTML 13Page - Texas Instruments DLP2000AFQC Datasheet HTML 14Page - Texas Instruments DLP2000AFQC Datasheet HTML 15Page - Texas Instruments DLP2000AFQC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Datum 'A' Area (3 places)
Datum 'E' Area (1 place)
DMD Mounting Area (4 places)
Connector Area
Figure 6-7. System Interface Loads
6.9 Physical Characteristics of the Micromirror Array
PARAMETER
VALUE
UNIT
M
Number of active columns(1)
See Figure 6-8.
640
micromirrors
N
Number of active rows(1)
See Figure 6-8.
360
micromirrors
P
Micromirror (pixel) pitch(1)
See Figure 6-8.
7.56
µm
Micromirror active array width(1)
M × P
4.8384
mm
Micromirror active array height(1)
N × P
2.7216
mm
Micromirror active border(2) (3)
Pond of micromirrors (POM)
8
micromirrors, side
(1)
See Figure 6-8.
(2)
The structure and qualities of the border around the active array include a band of partially functional micromirrors called the “pond of
micromirrors” (POM). These micromirrors are structurally and/or electrically prevented from tilting toward the bright or “on” state but still
require an electrical bias to tilt toward “off.”
(3)
Out of the eight POM rows on the top and bottom, only the one POM row closest to the active array is electrically attached to that reset
group. The other seven POM rows are attached to a dedicated POM internal reset driver circuit.
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com