Electronic Components Datasheet Search
  English  ▼

X  

DLPC2607 Datasheet(PDF) 2 Page - Texas Instruments

Part # DLPC2607
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC2607 Datasheet(HTML) 2 Page - Texas Instruments

  DLPC2607 Datasheet HTML 1Page - Texas Instruments DLPC2607 Datasheet HTML 2Page - Texas Instruments DLPC2607 Datasheet HTML 3Page - Texas Instruments DLPC2607 Datasheet HTML 4Page - Texas Instruments DLPC2607 Datasheet HTML 5Page - Texas Instruments DLPC2607 Datasheet HTML 6Page - Texas Instruments DLPC2607 Datasheet HTML 7Page - Texas Instruments DLPC2607 Datasheet HTML 8Page - Texas Instruments DLPC2607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 Storage Conditions..................................................... 6
6.3 ESD Ratings............................................................... 7
6.4 Recommended Operating Conditions.........................7
6.5 Thermal Information....................................................8
6.6 Electrical Characteristics.............................................8
6.7 Timing Requirements..................................................9
6.8 System Mounting Interface Loads.............................11
6.9 Physical Characteristics of the Micromirror Array..... 12
6.10 Micromirror Array Optical Characteristics............... 14
6.11 Window Characteristics...........................................15
6.12 Chipset Component Usage Specification............... 16
7 Detailed Description......................................................17
7.1 Overview................................................................... 17
7.2 Functional Block Diagram......................................... 17
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................18
7.5 Window Characteristics and Optics.......................... 18
7.6 Micromirror Array Temperature Calculation.............. 19
7.7 Micromirror Landed-On/Landed-Off Duty Cycle....... 20
8 Application and Implementation.................................. 23
8.1 Application Information............................................. 23
8.2 Typical Application.................................................... 23
9 Power Supply Recommendations................................25
9.1 Power Supply Power-Up Procedure......................... 25
9.2 Power Supply Power-Down Procedure.....................25
10 Layout...........................................................................28
10.1 Layout Guidelines................................................... 28
10.2 Layout Example...................................................... 28
11 Device and Documentation Support..........................30
11.1 Third-Party Products Disclaimer............................. 30
11.2 Device Support........................................................30
11.3 Related Links.......................................................... 30
11.4 Receiving Notification of Documentation Updates.. 30
11.5 Support Resources................................................. 30
11.6 Trademarks............................................................. 31
11.7 Electrostatic Discharge Caution.............................. 31
11.8 Glossary.................................................................. 31
12 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2021) to Revision B (May 2022)
Page
• This document is updated per the latest Texas Instruments and industry data sheet standards....................... 1
• Updated Micromirror Array Optical Characteristics ......................................................................................... 14
Changes from Revision * (April 2019) to Revision A (November 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated |TDELTA| MAX from 30°C to 15°C..........................................................................................................7
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com