Electronic Components Datasheet Search
  English  ▼

X  

DLPC2607 Datasheet(PDF) 6 Page - Texas Instruments

Part # DLPC2607
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC2607 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC2607 Datasheet HTML 2Page - Texas Instruments DLPC2607 Datasheet HTML 3Page - Texas Instruments DLPC2607 Datasheet HTML 4Page - Texas Instruments DLPC2607 Datasheet HTML 5Page - Texas Instruments DLPC2607 Datasheet HTML 6Page - Texas Instruments DLPC2607 Datasheet HTML 7Page - Texas Instruments DLPC2607 Datasheet HTML 8Page - Texas Instruments DLPC2607 Datasheet HTML 9Page - Texas Instruments DLPC2607 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin Functions—Test Pads (continued)
Electrical Test Pad
DLP® System Board
H25
Do not connect.
H27
Do not connect.
H29
Do not connect.
H31
Do not connect.
H33
Do not connect.
H35
Do not connect.
H37
Do not connect.
H39
Do not connect.
H41
Do not connect.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
VCC
LVCMOS logic supply voltage(2)
–0.5
4
V
VOFFSET
Mirror electrode and HVCMOS voltage(2)
–0.5
8.75
V
VBIAS
Mirror electrode voltage
–0.5
17
V
|VBIAS – VOFFSET|
Supply voltage delta(3)
8.75
V
VRESET
Mirror electrode voltage
–11
0.5
V
Input Voltage
Input voltage: other inputs
See (2).
–0.5
VCC + 0.3
V
Clock Frequency
DCLK
Clock frequency
60
80
MHz
Environmental
TARRAY and TWINDOW
Temperature—operational(4)
–20
90
°C
Temperature—non-operational(4)
–40
90
°C
TDP
Dew point temperature—operating and
non-operating (non-condensing)
See note(5).
°C
|TDELTA|
Absolute temperature delta between any
point on the window edge and the ceramic
test point TP1(6)
30
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to GND (VSS). VOFFSET, VCC, VBIAS, VRESET and VSS power supplies are required for the normal
DMD operating mode.
(3)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than 8.75 V.
(4)
The highest temperature of the active array (as calculated in Section 7.6) or of any point along the Window Edge as defined in Figure
7-1.
(5)
The DLP2000 DMD is intended for use in well controlled, low dew point environments. Please contact your local TI sales person or TI
distributor representative to determine if this device is suitable for your application and operating environment compared to other DMD
solutions. DLP® Products offers a broad portfolio of DMDs suitable for a wide variety of applications.
(6)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 7-1.
6.2 Storage Conditions
Applicable before the DMD is installed in the final product
MIN
MAX
UNIT
TDMD
DMD Temperature
–40
85
°C
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com