Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA656
Description  DAC7822IRTAR DAC7822IRTAT DAC7822IRTAT.A DAC7822IRTATG4.A DAC7822IRTAR.A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 3 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
VDD = +2.5V to +5.5V; IOUT1 = Virtual GND; IOUT2 = 0V; VREF = 10V; TA = full operating temperature. All specifications –40°C
to +125
°C, unless otherwise noted.
DAC7822
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
12
Bits
Relative accuracy
±1
LSB
Differential nonlinearity
±1
LSB
Output leakage current
Data = 000h, TA = +25°C
±1
nA
Output leakage current
Data = 000h, TA = TMAX
±15
nA
Full-scale gain error
All ones loaded to DAC register
±10
±25
mV
Full-scale tempco(1)
±5
ppm/
°C
Bipolar zero-code error
Circuit configuration as shown in Figure 41
±25
mV
Output capacitance
DAC latches leaded with all 1s
25
30
pF
REFERENCE INPUT
VREF range
–15
15
V
VREFA, VREFB, Input resistance
8
10
12
k
Ω
R1, RFB resistance
17
20
25
k
Ω
R2, R3 resistance
17
20
25
k
Ω
VREFA to VREFB Input Mismatch
1.6
2.5
%
R2 to R3 Mismatch
0.06
0.18
%
LOGIC INPUTS AND OUTPUT(1)
VDD = +2.5V
0.6
V
Input low voltage
VIL
VDD = +5V
0.8
V
VDD = +2.5V
2.1
V
Input high voltage
VIH
VDD = +5V
2.4
V
Input leakage current
IIL
1
µA
Input capacitance
CIL
10
pF
POWER REQUIREMENTS
VDD
2.5
5.5
V
IDD (normal operation)
Logic inputs = 0V
5
µA
VDD = +4.5V to +5.5V
VIH = VDD and VIL = GND
0.8
5
µA
VDD = +2.5V to +3.6V
VIH = VDD and VIL = GND
0.4
2.5
µA
AC CHARACTERISTICS(1)
Output voltage settling time
0.2
µs
Reference multiplying BW
VREF = 7VPP, Data = FFFh
10
MHz
VREF = 0V to 10V,
DAC glitch impulse
10
nV-s
Data = 7FFh to 800h to 7FFh
Feedthrough error VOUT/VREF
Data = 000h, VREF = 100kHz
–70
dB
Digital feedthrough
2
nV-s
Total harmonic distortion
–105
dB
Output spot noise voltage
25
nV/
√Hz
(1)
Specified by design and characterization; not production tested.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com