Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA656
Description  DAC7822IRTAR DAC7822IRTAT DAC7822IRTAT.A DAC7822IRTATG4.A DAC7822IRTAR.A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 1 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
DAC7822
FEATURES
DESCRIPTION
APPLICATIONS
12-Bit
R-2RDACA
12-Bit
R-2RDACB
LATCH
R A
FB
I
1A
OUT
I
2A
OUT
I
1B
OUT
DAC /B
A
CS
R/W
V
DD
DB0
DATA
INPUTS
DB11
LDAC
CLR
I
2B
OUT
LATCH
INPUT
BUFFER
CONTROL
LOGIC
R
1
2R
R
FB
2R
R
3
2R
R A
3
R
A
2_3
R A
2
V
A
REF
R A
1
R
2
2R
R
3
2R
R
2
2R
GND
POWER-ON
RESET
R B
3
R
B
2_3
R B
2
V
B
REF
R B
1
R
FBB
R
1
2R
R
FB
2R
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
Dual, 12-Bit, Parallel Input, Multiplying
Digital-to-Analog Converter
• ±1LSB INL
The DAC7822 is a dual, CMOS, 12-bit, current
output digital-to-analog converter (DAC). This device
• 2.5V to 5.5V Supply Operation
operates from a 2.5V to 5.5V power supply, making it
• Fast Parallel Interface:
suitable
for
battery-powered
and
many
other
17ns Write Cycle
applications.
• Update Rate of 20.4MSPS
The DAC7822 operates with a fast parallel interface.
• 10MHz Multiplying Bandwidth
Data readback allows the user to read the contents
• ±15V Reference Input
of the DAC register via the DB pins. On power-up,
the internal register and latches are filled with zeroes
• Extended Temperature Range:
and the DAC outputs are at zero scale.
–40
°C to +125°C
The
DAC7822
offers
excellent
4-quadrant
• 40-Lead QFN
multiplication
characteristics,
with
large
signal
• 12-Bit Monotonic
multiplying
bandwidth
of
10MHz.
The
applied
• 4-Quadrant Multiplication
external reference input voltage (VREF) determines
• Power-On Reset with Brownout Detection
the full-scale output current. An integrated feedback
resistor (RFB) provides temperature tracking and
• Readback Function
full-scale voltage output when combined with an
• Industry-Standard Pin Configuration
external current-to-voltage precision amplifier. The
• Pin-Compatible with the AD5405
DAC7822 also includes the resistors necessary for
4-quadrant multiplication and other configuration
modes.
• Portable Battery-Powered Instruments
The DAC7822 is available in a 40-lead QFN
• Waveform Generators
package.
• Analog Processing
• Programmable Amplifiers and Attenuators
• Digitally-Controlled Calibration
• Programmable Filters and Oscillators
• Ultrasound
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA656

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656 TI-OPA656 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA656 BURR-BROWN-OPA656 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA656

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
12-Jun-08
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
25-May-09
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AK670-R ASSMANN-AK670-R Datasheet
241Kb / 1P
USB CABLE A TO A
logo
Electronic Components L...
CP30205N CLIFF-CP30205N Datasheet
574Kb / 1P
USB3.0 A-A FEEDTHROUGH CONNECTOR
CP30208N CLIFF-CP30208N Datasheet
533Kb / 1P
USB2.0 A-A FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com