Electronic Components Datasheet Search
  English  ▼

X  

DLP4710LCFQL Datasheet(PDF) 28 Page - Texas Instruments

Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 24Page - Texas Instruments DLP4710LCFQL Datasheet HTML 25Page - Texas Instruments DLP4710LCFQL Datasheet HTML 26Page - Texas Instruments DLP4710LCFQL Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
• AILL = illumination area on the DMD (cm2)
• QINCIDENT = total incident optical power on DMD (W) (measured)
• AARRAY = area of the array (cm 2) (data sheet)
• OVILL = percent of total illumination on the DMD outside the array (%) (optical model)
• OPUV-RATIO = ratio of the optical power for wavelengths <410 nm to the total optical power in the illumination
spectrum (spectral measurement)
• OPVIS-RATIO = ratio of the optical power for wavelengths ≥410 and ≤800 nm to the total optical power in the
illumination spectrum (spectral measurement)
• OPIR-RATIO = ratio of the optical power for wavelengths >800 nm to the total optical power in the illumination
spectrum (spectral measurement)
• OPBLU-RATIO = ratio of the optical power for wavelengths ≥410 and ≤475 nm to the total optical power in the
illumination spectrum (spectral measurement)
• OPBLU1-RATIO = ratio of the optical power for wavelengths ≥410 and ≤445 nm to the total optical power in the
illumination spectrum (spectral measurement)
The illumination area varies and depends on the illumination overfill. The total illumination area on the DMD
is the array area and overfill area around the array. The optical model is used to determine the percent of the
total illumination on the DMD that is outside the array (OVILL) and the percent of the total illumination that is on
the active array. From these values the illumination area (AILL) is calculated. The illumination is assumed to be
uniform across the entire array.
From the measured illumination spectrum, the ratio of the optical power in the wavelength bands of interest to
the total optical power is calculated.
Sample calculation:
QINCIDENT = 9.40 W (measured)
AARRAY = (1.0368 × 0.5832) = 0.6047 cm2 (data sheet)
OVILL = 16.3% (optical model)
OPUV-RATIO = 0.00021 (spectral measurement)
OPVIS-RATIO = 0.99977 (spectral measurement)
OPIR-RATIO = 0.00002 (spectral measurement)
OPBLU-RATIO = 0.28100 (spectral measurement)
OPBLU1-RATIO = 0.03200 (spectral measurement)
AILL = 0.6047 ÷ (1 - 0.163) = 0.7224 cm2
ILLUV = [0.00021 × 9.40W] × 1000 ÷ 0.7224 cm2 = 2.732 mW/cm2
ILLVIS = [0.99977 × 9.40W] ÷ 0.7224 cm2 = 13.01 W/cm2
ILLIR = [0.00002 × 9.40W] × 1000 ÷ 0.7224 cm2 = 0.260 mW/cm2
ILLBLU = [0.28100 × 9.40W] ÷ 0.7224 cm2 = 3.66 W/cm2
ILLBLU1 = [0.03200 × 9.40W] ÷ 0.7224 cm2 = 0.42 W/cm2
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com