Electronic Components Datasheet Search
  English  ▼

X  

DLP4710LCFQL Datasheet(PDF) 33 Page - Texas Instruments

Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL Datasheet HTML 34Page - Texas Instruments DLP4710LCFQL Datasheet HTML 35Page - Texas Instruments DLP4710LCFQL Datasheet HTML 36Page - Texas Instruments DLP4710LCFQL Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
8.2.1 Design Requirements
A high-accuracy, 3D depth capture product is created by using a DLP chipset comprised of DLP4710LC DMD,
2xDLPC3479 controller and DLPA3000 PMIC/LED drive. The DLPC3479 simplifies the pattern generation, the
DLPA3000 provides the needed analog functions and DMD displays the required patterns for accurate 3D depth
capture. In addition to the three DLP devices in the chipset, other components may be required to complete the
application. Minimally, a flash component is required to store patterns, the software, and the firmware in order to
control the DLPC3479 controller. DLPC3479 controller supports any illumination source including IR light source
(LEDs or VCSEL), UV light source or visible light source (Red, Green or Blue LEDs or lasers).
To send commands from the host processor to the DLPC3479, connect the two via I2C. The only power supplies
needed for the DLP4710LC chipset is the input power (SYSPWR). All other needed supplies are being provided
by the DLPA3000 or DLPA3005 PMIC for this chipset. A single signal (PROJ_ON) controls the entire DLP
system power. When PROJ_ON is high, the DLP system turns on and when PROJ_ON is low, the DLPC3479
turns off and draws only a few microamperes of current on SYSPWR.
The TSTPT_2 pin on the master controller outputs a 25ns pulse width that should be connected to the 3DR
(input) pin of the slave controller. In case VCC_INTF is not set to 1.8V, a voltage translator is required. The
propagation delay between the rising edge of TSTPT_2 pin on the master controller and the VIH of 3DR (input)
pin on slave controller is recommended to be under 10ns.
8.2.2 Detailed Design Procedure
For connecting the two DLPC3479 controllers, the DLPA3000/DLPA3005, and the DLP4710LC DMD, see the
reference design schematic. When a circuit board layout is created from this schematic a very small circuit board
is possible. An example small board layout is included in the reference design data base. Layout guidelines
should be followed to achieve a reliable projector.
The optical engine that has the LED packages and the DMD mounted to it is typically supplied by an optical
OEM who specializes in designing optics for DLP projectors.
8.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased,
the brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is as shown in Figure 8-2. For the LED currents shown, it’s assumed
that the same current amplitude is applied to the red, green, and blue LEDs.
SPACE
Figure 8-2. Luminance vs Current
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com