Electronic Components Datasheet Search
  English  ▼

X  

MMP Datasheet(PDF) 9 Page - YAGEO Corporation

Part # MMP
Description  MELF METAL FILM RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMP Datasheet(HTML) 9 Page - YAGEO Corporation

  MMP Datasheet HTML 1Page - YAGEO Corporation MMP Datasheet HTML 2Page - YAGEO Corporation MMP Datasheet HTML 3Page - YAGEO Corporation MMP Datasheet HTML 4Page - YAGEO Corporation MMP Datasheet HTML 5Page - YAGEO Corporation MMP Datasheet HTML 6Page - YAGEO Corporation MMP Datasheet HTML 7Page - YAGEO Corporation MMP Datasheet HTML 8Page - YAGEO Corporation MMP Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.yageo.com
Sep. 05, 2024 V.2
Melf Metal Film Resistors
9
9
Product Specification
MMP
Through Hole Resistors
LEGAL DISCLAIMER
YAGEO, its distributors and agents (collectively, “YAGEO”), hereby disclaims any and all liabilities for any
errors, inaccuracies or incompleteness contained in any product related information, including but not
limited to product specifications, datasheets, pictures and/or graphics. YAGEO may make changes,
modifications and/or improvements to product related information at any time and without notice.
YAGEO makes no representation, warranty, and/or guarantee about the fitness of its products for any
particular purpose or the continuing production of any of its products. To the maximum extent permitted
by law, YAGEO disclaims (i) any and all liability arising out of the application or use of any YAGEO product,
(ii) any and all liability, including without limitation special, consequential or incidental damages, and (iii)
any and all implied warranties, including warranties of fitness for a particular purpose, non -infringement
and merchantability.
YAGEO products are designed for general purpose applications under normal operation and usage
conditions. Please contact YAGEO for the applications listed below which require especially high
reliability for the prevention of defects which might directly cause damage to the third party's life, body or
property: Aerospace equipment (artificial satellite, rocket, etc.), Atomic energy-related equipment,
Aviation equipment, Disaster prevention equipment, crime prevention equipment, Electric heating
apparatus, burning equipment, Highly public information network equipment, data-processing equipment ,
Medical devices, Military equipment, Power generation control equipment, Safety equipment, Traffic
signal equipment, Transportation equipment and Undersea equipment, or for any other application or use
in which the failure of YAGEO products could result in personal injury or death, or serious property damage.
Particularly YAGEO Corporation and its affiliates do not recommend the use of commercial or
automotive grade products for high reliability applications or manned space flight.
Information provided here is intended to indicate product specifications only. YAGEO reserves all the
rights for revising this content without further notification, as long as products are unchanged. Any product
change will be announced by PCN.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com