Electronic Components Datasheet Search
  English  ▼

X  

MMP Datasheet(PDF) 5 Page - YAGEO Corporation

Part # MMP
Description  MELF METAL FILM RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMP Datasheet(HTML) 5 Page - YAGEO Corporation

  MMP Datasheet HTML 1Page - YAGEO Corporation MMP Datasheet HTML 2Page - YAGEO Corporation MMP Datasheet HTML 3Page - YAGEO Corporation MMP Datasheet HTML 4Page - YAGEO Corporation MMP Datasheet HTML 5Page - YAGEO Corporation MMP Datasheet HTML 6Page - YAGEO Corporation MMP Datasheet HTML 7Page - YAGEO Corporation MMP Datasheet HTML 8Page - YAGEO Corporation MMP Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.yageo.com
Sep. 05, 2024 V.2
Melf Metal Film Resistors
5
9
Product Specification
MMP
Through Hole Resistors
Note:
PACKING METHODS
DIMENSIONS
Unit: mm
TYPE
A
B
W
E
F
P0
P1
P2
ΨD0
ΨD1
T
MMP100
2.4±0.1 6.3±0.1 12.0±0.2 1.75±0.1 7.5±0.05
4.0±0.1 4.0±0.1 2.0±0.05 1.5±0.1 1.4 Min. 2.50±0.1
MMP200
3.3±0.1 9.0±0.1 16.0±0.3 1.75±0.1 9.5±0.1
4.0±0.1 8.0±0.1 2.0±0.05 1.5±0.1 1.4 Min. 3.30±0.1
RCWV (Rated Continuous Working Voltage):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com