Electronic Components Datasheet Search
  English  ▼

X  

3241007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3241007
Description  WP-GT PP HF PG29 - Protective hose screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3241007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3241007 Datasheet HTML 1Page - PHOENIX CONTACT 3241007 Datasheet HTML 2Page - PHOENIX CONTACT 3241007 Datasheet HTML 3Page - PHOENIX CONTACT 3241007 Datasheet HTML 4Page - PHOENIX CONTACT 3241007 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable gland made from PP with Pg thread, rotatable, IP54 protection
Commercial data
Item number
3241007
Packing unit
2 pc
Minimum order quantity
2 pc
Sales key
BF68
Product key
AF7DSA
GTIN
4046356711395
Weight per piece (including packing)
29.4 g
Weight per piece (excluding packing)
27.55 g
Customs tariff number
39174000
Country of origin
DE
WP-GT PP HF PG29 - Protective hose screw
connection
3241007
https://www.phoenixcontact.com/us/products/3241007
Sep 17, 2025, 4:20AM
Page 1 (5)


Similar Part No. - 3241007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3241001 PHOENIX-3241001 Datasheet
187Kb / 5P
WP-G PP HF M40 - Protective hose screw connection
3241002 PHOENIX-3241002 Datasheet
186Kb / 5P
WP-GT PP HF PG7 - Protective hose screw
3241003 PHOENIX-3241003 Datasheet
186Kb / 5P
WP-GT PP HF PG9 - Protective hose screw connection
3241004 PHOENIX-3241004 Datasheet
186Kb / 5P
WP-GT PP HF PG11 - Protective hose screw connection
3241005 PHOENIX-3241005 Datasheet
186Kb / 5P
WP-GT PP HF PG16 - Protective hose screw connection
More results

Similar Description - 3241007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240856 PHOENIX-3240856 Datasheet
73Kb / 4P
Protective hose - WP-SPIRAL PU C HF 10
09/12/2020
3240858 PHOENIX-3240858 Datasheet
76Kb / 4P
Protective hose - WP-SPIRAL PU C HF 17
09/12/2020
3240859 PHOENIX-3240859 Datasheet
79Kb / 5P
Protective hose - WP-SPIRAL PU C HF 21
09/12/2020
3240862 PHOENIX-3240862 Datasheet
76Kb / 4P
Protective hose - WP-SPIRAL PU C HF 45
09/12/2020
3240893 PHOENIX-3240893 Datasheet
71Kb / 4P
Screw connection - WP-G HF IP66 PG29 BK
09/12/2020
3240842 PHOENIX-3240842 Datasheet
105Kb / 6P
Protective hose - WP-PA HF-HB 28,5 BK
09/12/2020
3240992 PHOENIX-3240992 Datasheet
69Kb / 4P
Screw connection - WP-G PP HF PG21
09/12/2020
3240995 PHOENIX-3240995 Datasheet
65Kb / 4P
Screw connection - WP-G PP HF M10
09/12/2020
3241032 PHOENIX-3241032 Datasheet
68Kb / 4P
Screw connection - WP-GT BRASS M16
09/12/2020
3241033 PHOENIX-3241033 Datasheet
68Kb / 4P
Screw connection - WP-GT BRASS M20
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com