Electronic Components Datasheet Search
  English  ▼

X  

3241007 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3241007
Description  WP-GT PP HF PG29 - Protective hose screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3241007 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3241007 Datasheet HTML 1Page - PHOENIX CONTACT 3241007 Datasheet HTML 2Page - PHOENIX CONTACT 3241007 Datasheet HTML 3Page - PHOENIX CONTACT 3241007 Datasheet HTML 4Page - PHOENIX CONTACT 3241007 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Protective hose screw connection
Application
Cable gland
Type of the screw connection
Conduit adapter
Cable outlet
straight
Thread type
Pg
Dimensions
Width
50 mm
Height
59 mm
Wrench size
45 mm
Wrench size for mounting
45 mm
Material specifications
Material
PP
Flammability rating according to UL 94
HB
Material for screw connection
PP
Components
halogen-free
Cable/line
Halogen-free
yes
Mechanical properties
Mechanical data
Type of the screw connection
Conduit adapter
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP54
Ambient temperature (operation)
-10 °C ... 110 °C
WP-GT PP HF PG29 - Protective hose screw
connection
3241007
https://www.phoenixcontact.com/us/products/3241007
Sep 17, 2025, 4:20AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com