Electronic Components Datasheet Search
  English  ▼

X  

DM300019 Datasheet(PDF) 23 Page - Microchip Technology

Part # DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 19Page - Microchip Technology DM300019 Datasheet HTML 20Page - Microchip Technology DM300019 Datasheet HTML 21Page - Microchip Technology DM300019 Datasheet HTML 22Page - Microchip Technology DM300019 Datasheet HTML 23Page - Microchip Technology DM300019 Datasheet HTML 24Page - Microchip Technology DM300019 Datasheet HTML 25Page - Microchip Technology DM300019 Datasheet HTML 26Page - Microchip Technology DM300019 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Tutorial
© 2006 Microchip Technology Inc.
DS51584B-page 19
2.6
PROGRAMMING THE CHIP
The MPLAB ICD 2 In-Circuit Debugger is used to program and debug the
dsPIC30F6014A device in-circuit on the dsPICDEM 80-Pin Starter Development
Board.
Use the procedures in the following section to program the dsPIC30F6014A device.
2.6.1
Set Up The Device Configuration
1. Use the Configure>Configuration Bits menu to display the configuration settings.
2. Set up the configuration bits, as shown in Figure 2-10.
The settings that will most likely need to change are:
FIGURE 2-10:
CONFIGURATION SETTINGS
2.6.2
Connect the MPLAB ICD 2 In-Circuit Debugger
1. Connect the MPLAB ICD 2 to the PC with the USB cable (see Figure 2-11).
2. Connect the MPLAB ICD 2 to the dsPICDEM 80-Pin Starter Development Board
with the short RJ-11 (telephone) cable.
3. Apply power to the board.
Note: Before proceeding, make sure that the USB driver for the MPLAB ICD 2 has
been installed on the PC (see the “MPLAB® ICD 2 In-Circuit Debugger
User’s Guide” (DS51331) for more details regarding the installation of the
MPLAB ICD 2).
Oscillator
XT w/PLL 4x
Watchdog Timer
Disabled
CAUTION
Before you apply power to the board, observe these voltage precautions:
If a dsPIC33F device is being used, J5 should be OPEN or OFF to enable 3.3V to the VDD
or supply voltage. Operating a dsPIC33F device at 5.0V will cause a catastrophic failure
of the device.
If a dsPIC30F device is being used, J5 can be open or closed. You will get 3.3V or 5.0V
voltage to the VDD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com