Electronic Components Datasheet Search
  English  ▼

X  

DM300019 Datasheet(PDF) 34 Page - Microchip Technology

Part # DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Datasheet(HTML) 34 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 30Page - Microchip Technology DM300019 Datasheet HTML 31Page - Microchip Technology DM300019 Datasheet HTML 32Page - Microchip Technology DM300019 Datasheet HTML 33Page - Microchip Technology DM300019 Datasheet HTML 34Page - Microchip Technology DM300019 Datasheet HTML 35Page - Microchip Technology DM300019 Datasheet HTML 36Page - Microchip Technology DM300019 Datasheet HTML 37Page - Microchip Technology DM300019 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
dsPICDEM™ 80-Pin Starter Development Board User’s Guide
DS51584B-page 30
© 2006 Microchip Technology Inc.
3.5
BOARD SELF-TEST
The board self-test is provided for completeness only. Users do not need to run this
test.
1. Power the board using a 9V DC supply and the barrel power connector.
The LED marked D1 turns ON.
If D1 does not light:
- the LED is dead, or
- the regulator is dead, or
- the DC supply is not connected to the AC wall plug
2. Using a DMM set for DCV, check that 3.3V or 5.0V is available at location marked
VDD and GND on the 80-pin header.
3. Connect a shorting plug on the RS-232 connector J1. This shorting plug should
have pins 2 and 3 connected to one another.
4. Short pins 2 and 3 on line connector J9 using a 0.1
″ jumper.
5. Make sure J4 has a 0.1
″ jumper on it.
6. To enter the Self-Test mode, hold down S1, press and release MCLR, then
release S1.
The following four tests should run:
Test
Description
UART Test
This automatic test transmits 5 characters and receives them through
the serial port. During the test, LED RD4 blinks at a very fast rate
(8 blinks/sec). However, this test completes so quickly that, in most
instances, no noticeable blink of RD4 will occur.
Keypad Test
During this test, LED RD5 blinks very fast. You must respond by pressing
S1 and S2. When you press S1, RD4 lights. When you press S2, RD7
lights. If both key presses are acknowledged by the dsPIC® DSC, then
the test passed. If you get no response or an incorrect response within 4
seconds, then the test is considered failed. In either case the test
automatically proceeds to the Potentiometer test.
Potentiometer Test During this test, LED RD6 blinks rapidly. You must first respond by turn-
ing Potentiometer R13 fully clockwise (RD4 will light) and then fully coun-
terclockwise (RD7 will light). Then you must move the potentiometer
wiper to a center position causing RD5 to light up. When this happens,
the test is complete. This test must be completed in 8 seconds or else the
test is considered failed.
Tone Test
This procedure automatically tests the digital potentiometer and analog
operational amplifier. A sine wave, generated using the digital potentiom-
eter, is sent through the Op Amp circuit to the ADC of the dsPIC DSC
device. The sine wave is analyzed to determine if a smooth sine wave
has been generated. If all works well, the test passes. If there is a fault in
the op amp or digital potentiometer, then this test fails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com