Electronic Components Datasheet Search
  English  ▼

X  

MCP4728EV Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4728EV
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728EV Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4728EV Datasheet HTML 32Page - Microchip Technology MCP4728EV Datasheet HTML 33Page - Microchip Technology MCP4728EV Datasheet HTML 34Page - Microchip Technology MCP4728EV Datasheet HTML 35Page - Microchip Technology MCP4728EV Datasheet HTML 36Page - Microchip Technology MCP4728EV Datasheet HTML 37Page - Microchip Technology MCP4728EV Datasheet HTML 38Page - Microchip Technology MCP4728EV Datasheet HTML 39Page - Microchip Technology MCP4728EV Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
MCP4728 Evaluation Board User’s Guide
DS51837A-page 32
© 2009 Microchip Technology Inc.
1.3.2.16
EXAMPLE 9: WRITE POWER-DOWN SELECTION BITS IN DAC INPUT
REGISTER
This command writes power-down bits to the DAC input registers.
Figure 1-22 shows an example of writing a new script file for Power-Down mode.
.
FIGURE 1-22:
Writing Script file to write the power-down bits. The channel outputs are updated
immediately with the ACK pulse. This command does not require UDAC bit or LDAC pin change.
• Parameters in the Script Detail column:
1.
To change value:
•
Click this box and
type a new value
2.
To delete or Insert box:
•
Select the box and
right click the mouse
button for options
available
3.
Make sure the listed
parameters in “script
Detail” are in the exact
order as shown here.
Script Detail
I2CSTART
*
I2CWRTBYT
*
03
-------> This means there are three bytes to send.
C0
-------> Address byte = 1100-0000 (See Note).
AF
-------> Command Type and Power-Down bits for Chs. A and B.
FF
-------> Power-Down bits for Channels C and D.
I2CSTOP
*
Note:
All parameters above must be listed in order. The parameter above with *
are not modifiable. The MCP4728 device on the evaluation board has I2C
address bits (A2, A1, A0) = (0,0,0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com