| Electronic Components Datasheet Search |
|
MCP4728EV Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4728EV Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 50 page ![]() MCP4728 EVALUATION BOARD USER’S GUIDE © 2009 Microchip Technology Inc. DS51837A-page 43 Appendix C. MCP4728 Read/Write Commands C.1 INTRODUCTION Table summarizes the write command types and their functions. The write command is defined by using three write command type bits (C2, C1, C0) and two write function bits (W1, W0). Writing and reading the I2C address bits are not demonstrated with the PICKit Serial Analyzer. Please see the MCP4728 data sheet for more details on the commands. TABLE C-1: WRITE COMMAND TYPES Command Field Write Function Command Name Function C2 C1 C0 W1 W0 Fast Mode Write 0 0 X Not Used Fast Write for DAC Input Registers This command writes to the DAC input registers sequentially with limited configuration bits. The data is sent sequentially from channels A to D. The input register is written at the acknowledge clock pulse of the channel’s last input data byte. EEPROM is not affected. (Note 1) Write DAC Input Register and EEPROM 01000 Multi-Write for DAC Input Registers This command writes to multiple DAC input registers, one DAC input register at a time. The writing channel register is defined by the DAC selection bits (DAC1, DAC0). EEPROM is not affected. (Note 2) 1 0 Sequential Write for DAC Input Regis- ters and EEPROM This command writes to both the DAC input registers and EEPROM sequentially. The sequential writing is carried out from a starting channel to channel D. The starting channel is defined by the DAC selection bits (DAC1 and DAC0). The input register is written at the acknowledge clock pulse of the last input data byte of each register. However, the EEPROM data is written altogether at the same time sequen- tially at the end of the last byte. (Note 2),(Note 3) 1 1 Single Write for DAC Input Register and EEPROM This command writes to a single selected DAC input register and its EEPROM. Both the input register and EEPROM are written at the acknowledge clock pulse of the last input data byte. The writing channel is defined by the DAC selection bits (DAC1 and DAC0). (Note 2),(Note 3) Write I2C Address Bits (A2, A1, A0) 0 1 1 Not Used Write I2C Address Bits This command writes new I2C address bits (A2, A1, A0) to the DAC input register and EEPROM. Note 1: The analog output is updated when LDAC pin is (or changes to) “Low”. UDAC bit is not used for this command. 2: The DAC output is updated when LDAC pin or UDAC bit is “Low”. 3: The device starts writing to the EEPROM on the acknowledge clock pulse of the last channel. The device does not execute any command until RDY/BSY bit comes back to “High”. 4: The input and output registers are updated at the acknowledge clock pulse of the last byte. The update does not require LDAC pin or UDAC bit conditions. EEPROM is not affected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |