Electronic Components Datasheet Search
  English  ▼

X  

26434_KA21 Datasheet(PDF) 2 Page - VAT Group AG

Part # 26434_KA21
Description  HV angle valve Series 264, DN 50 (ID 2”)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

26434_KA21 Datasheet(HTML) 2 Page - VAT Group AG

  26434_KA21 Datasheet HTML 1Page - VAT Group AG 26434_KA21 Datasheet HTML 2Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
HV angle valve
Series 264, DN 50 (ID 2”)
Ordering No. 26434-KA21-0001
Created by: WARO
Release date: 15.05.2014
2/2
Modified by:
Release date:
750296EA
Behavior in case of compressed
air pressure drop
– Valve closed
– Valve opened
– During actuation
valve remains closed and leaktight
valve closes leaktight
valve closes leaktight
Behavior in case of power failure
– Valve closed
– Valve opened
– During actuation
valve remains closed and leaktight
depending on customer installation
depending on customer installation
Electrical connections
Position indicator
Wiring diagram
Type
Micro switch
Voltage
≤ 50 V AC / DC
Current
5 – 100 mA
Short circuit protected
No
Connection
Cable, 4 wires
Cable length
500 mm
Cable cross section
0.25 mm²



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com