Electronic Components Datasheet Search
  English  ▼

X  

26434_KA21 Datasheet(PDF) 1 Page - VAT Group AG

Part # 26434_KA21
Description  HV angle valve Series 264, DN 50 (ID 2”)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

26434_KA21 Datasheet(HTML) 1 Page - VAT Group AG

  26434_KA21 Datasheet HTML 1Page - VAT Group AG 26434_KA21 Datasheet HTML 2Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
HV angle valve
Series 264, DN 50 (ID 2”)
Ordering No. 26434-KA21-0001
Created by: WARO
Release date: 15.05.2014
1/2
Modified by:
Release date:
750296EA
Description
Flange
ISO-KF 50
Actuator
Pneumatic, single acting with closing spring
– without solenoid valve
– with position indicator “open” and “closed”
Feedthrough
Bellows
Technical data
Leak rate
– Valve body
– Valve seat
< 1 · 10
-9 mbar ls-1
< 1 · 10
-9 mbar ls-1
Pressure range
1 · 10
-8 mbar to 5 bar (abs)
Differential pressure on the plate
– In opening direction
– In closing direction
≤ 2 bar
≤ 5 bar
Differential pressure at opening
≤ 1 bar
Conductance (molecular flow)
80 ls
-1
Closing time
≤ 0.65 sec.
Cycles until first service
(Tmax 80 °C, under clean
conditions)
3 million
Temperature
(Maximum values: depending
on operating conditions and
sealing materials)
– Valve body
– Actuator
– Position indicator
≤ 150 °C
≤ 120 °C
≤ 80 °C
Material
– Valve body
– Actuator
– Plate
– Bellows
Aluminum (EN AW-6060)
Aluminum
AISI 316L (1.4404)
AISI 316L (1.4404, 1.4435) AISI 316 Ti (1.4571)
Seal
– Bonnet O-ring
– Plate O-ring
– Actuator O-ring
FKM (Viton
®)
FKM (Viton
®)
FKM (Viton
®)
Weight
1.64kg / 3.61 lbs
Mounting position
any
Volume of pneumatic actuator
0.047 l / 0.0017 ft
3
Compressed air
min. – max. overpressure
4 – 8 bar / 58 – 116 psi
Compressed air connection
M5 female (10-32 UNF suitable)


Similar Part No. - 26434_KA21

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
26434_KA22 VAT-26434_KA22 Datasheet
128Kb / 2P
HV angle valve, Series 264, DN 50 (ID 2 ’’)
More results

Similar Description - 26434_KA21

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86H52 FUJITSU-MB86H52_07 Datasheet
82Kb / 2P
MPEG-2 HL to H.264 HD Transcoder
logo
PHOENIX CONTACT
1902547 PHOENIX-1902547 Datasheet
157Kb / 6P
MKDS 5 HV/ 2-9,52
logo
HARTING Technology Grou...
09-14-000-6418 HARTING-09-14-000-6418 Datasheet
464Kb / 2P
Pneum.contact metal ID 8mm,femalevalve
09-14-000-6416 HARTING-09-14-000-6416 Datasheet
457Kb / 2P
Pneum. contact metal ID 6 femalevalve
09-14-000-6414 HARTING-09-14-000-6414 Datasheet
456Kb / 2P
Pneum. contact metal ID 4 femalevalve
09-14-000-6413 HARTING-09-14-000-6413 Datasheet
455Kb / 2P
Pneum. contact metal ID 3 femalevalve
09-14-000-6411 HARTING-09-14-000-6411 Datasheet
465Kb / 2P
Pneum.contact metal ID 10mm,femalevalve
logo
Weidmuller
2748390000 WEIDMULLER-2748390000 Datasheet
501Kb / 3P
HDC MHE 2 HV FC
2748380000 WEIDMULLER-2748380000 Datasheet
493Kb / 3P
HDC MHE 2 HV MC
logo
Maxim Integrated Produc...
MAX20330A MAXIM-MAX20330A_V01 Datasheet
699Kb / 21P
Precision HV Capable ID Detector
19-100293; Rev 1; 6/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com