Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 51 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 47Page - STMicroelectronics ISM330BX Datasheet HTML 48Page - STMicroelectronics ISM330BX Datasheet HTML 49Page - STMicroelectronics ISM330BX Datasheet HTML 50Page - STMicroelectronics ISM330BX Datasheet HTML 51Page - STMicroelectronics ISM330BX Datasheet HTML 52Page - STMicroelectronics ISM330BX Datasheet HTML 53Page - STMicroelectronics ISM330BX Datasheet HTML 54Page - STMicroelectronics ISM330BX Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 150 page
background image
Name
Type
Register address
Default
Hex
Binary
TAP_THS_6D
R/W
59
01011001
00000000
TAP_DUR
R/W
5A
01011010
00000000
WAKE_UP_THS
R/W
5B
01011011
00000000
WAKE_UP_DUR
RW
5C
01011100
00000000
FREE_FALL
R/W
5D
01011101
00000000
MD1_CFG
R/W
5E
01011110
00000000
MD2_CFG
R/W
5F
01011111
00000000
RESERVED
-
60-62
EMB_FUNC_CFG
R/W
63
01100011
00000000
RESERVED
-
64-6B
TDM_CFG0
R/W
6C
01101100
10000000
TDM_CFG1
R/W
6D
01101101
11100000
TDM_CFG2
R/W
6E
01101110
00000001
RESERVED
-
6F-72
Z_OFS_USR
R/W
73
01110011
00000000
Y_OFS_USR
R/W
74
01110100
00000000
X_OFS_USR
R/W
75
01110101
00000000
RESERVED
-
76-77
FIFO_DATA_OUT_TAG
R
78
01111000
output
FIFO_DATA_OUT_BYTE_0
R
79
01111001
output
FIFO_DATA_OUT_BYTE_1
R
7A
01111010
output
FIFO_DATA_OUT_BYTE_2
R
7B
01111011
output
FIFO_DATA_OUT_BYTE_3
R
7C
01111100
output
FIFO_DATA_OUT_BYTE_4
R
7D
01111101
output
FIFO_DATA_OUT_BYTE_5
R
7E
01111110
output
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
ISM330BX
Register mapping
DS14588 - Rev 2
page 51/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com