Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 77 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 73Page - STMicroelectronics ISM330BX Datasheet HTML 74Page - STMicroelectronics ISM330BX Datasheet HTML 75Page - STMicroelectronics ISM330BX Datasheet HTML 76Page - STMicroelectronics ISM330BX Datasheet HTML 77Page - STMicroelectronics ISM330BX Datasheet HTML 78Page - STMicroelectronics ISM330BX Datasheet HTML 79Page - STMicroelectronics ISM330BX Datasheet HTML 80Page - STMicroelectronics ISM330BX Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 150 page
background image
9.40
WAKE_UP_SRC (45h)
Wake-up interrupt source register (R)
Table 117. WAKE_UP_SRC register
0
SLEEP_
CHANGE_IA
FF_IA
SLEEP_
STATE
WU_IA
Z_WU
Y_WU
X_WU
Table 118. WAKE_UP_SRC register description
SLEEP_CHANGE_IA
Detects change event in activity/inactivity status. Default value: 0
(0: change status not detected; 1: change status detected)
FF_IA
Free-fall event detection status. Default: 0
(0: free-fall event not detected; 1: free-fall event detected)
SLEEP_STATE
Sleep status bit. Default value: 0
(0: activity status; 1: inactivity status)
WU_IA
Wake-up event detection status. Default value: 0
(0: wake-up event not detected; 1: wake-up event detected.)
Z_WU
Wake-up event detection status on Z-axis. Default value: 0
(0: wake-up event on Z-axis not detected; 1: wake-up event on Z-axis detected)
Y_WU
Wake-up event detection status on Y-axis. Default value: 0
(0: wake-up event on Y-axis not detected; 1: wake-up event on Y-axis detected)
X_WU
Wake-up event detection status on X-axis. Default value: 0
(0: wake-up event on X-axis not detected; 1: wake-up event on X-axis detected)
ISM330BX
Register description
DS14588 - Rev 2
page 77/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com