Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/250 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA138NA/250
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/250 Datasheet(HTML) 2 Page - Texas Instruments

  INA138NA/250 Datasheet HTML 1Page - Texas Instruments INA138NA/250 Datasheet HTML 2Page - Texas Instruments INA138NA/250 Datasheet HTML 3Page - Texas Instruments INA138NA/250 Datasheet HTML 4Page - Texas Instruments INA138NA/250 Datasheet HTML 5Page - Texas Instruments INA138NA/250 Datasheet HTML 6Page - Texas Instruments INA138NA/250 Datasheet HTML 7Page - Texas Instruments INA138NA/250 Datasheet HTML 8Page - Texas Instruments INA138NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 9
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Applications ............................................... 11
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
11
Device and Documentation Support ................. 19
11.1
Documentation Support ....................................... 19
11.2
Related Links ........................................................ 19
11.3
Receiving Notification of Documentation Updates 19
11.4
Community Resources.......................................... 19
11.5
Trademarks ........................................................... 19
11.6
Electrostatic Discharge Caution ............................ 19
11.7
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2014) to Revision E
Page
•
Added reference design link to navigation bar at the top of the front page ........................................................................... 1
•
Changed body size from 18.00 mm × 18.00 mm to 2.90 mm × 1.60 mm in Device Information table.................................. 1
•
Changed pin numbers in pin functions table to match pin configuration figure...................................................................... 3
•
Changed Absolute Maximum Ratings table for clarity; no values were changed ................................................................. 4
•
Changed Recommended Operating Conditions table; moved some content from Electrical Characteristics table, but
no values changed ................................................................................................................................................................. 4
•
Changed all values in Thermal Information table ................................................................................................................... 5
•
Changed Electrical Characteristics table; reformatted for clarity; moved some content to Recommended Operating
Conditions table, and deleted duplicate content..................................................................................................................... 5
•
Changed common-mode rejection test conditions to better highlight each device in Electrical Characteristics table .......... 5
•
Changed offset voltage vs temperature to offset voltage drift in Electrical Characteristics table........................................... 5
•
Changed offset voltage vs power supply test conditions to better highlight each device in Electrical Characteristics table . 5
•
Changed reference in text from Figure 10 to Figure 11 in last paragraph of Selecting the Shunt Resistor and RL section 12
Changes from Revision C (November 2005) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com