Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/250 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA138NA/250
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/250 Datasheet(HTML) 1 Page - Texas Instruments

  INA138NA/250 Datasheet HTML 1Page - Texas Instruments INA138NA/250 Datasheet HTML 2Page - Texas Instruments INA138NA/250 Datasheet HTML 3Page - Texas Instruments INA138NA/250 Datasheet HTML 4Page - Texas Instruments INA138NA/250 Datasheet HTML 5Page - Texas Instruments INA138NA/250 Datasheet HTML 6Page - Texas Instruments INA138NA/250 Datasheet HTML 7Page - Texas Instruments INA138NA/250 Datasheet HTML 8Page - Texas Instruments INA138NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
I
S
R
S
V
IN+
Up To 60 V
3
4
V
IN+
V
IN–
5 k
5 k
Load
V+
5
GND
2
OUT
1
V = I R R
O
S
S
L / 5 k
Copyright © 1999, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
INA1x8 High-Side Measurement Current Shunt Monitor
1
1 Features
1
•
Complete Unipolar High-Side Current
Measurement Circuit
•
Wide Supply and Common-Mode Range
•
INA138: 2.7 V to 36 V
•
INA168: 2.7 V to 60 V
•
Independent Supply and Input Common-Mode
Voltages
•
Single Resistor Gain Set
•
Low Quiescent Current (25 µA Typical)
•
Wide Temperature Range: –40°C to +125°C
•
5-Pin SOT-23 Package
2 Applications
•
Current Shunt Measurement:
–
Telephone, Computers
•
Portable and Battery-Backup Systems
•
Battery Chargers
•
Power Management
•
Cell Phones
•
Precision Current Source
3 Description
The INA138 and INA168 (INA1x8) are high-side,
unipolar, current shunt monitors. Wide input common-
mode voltage range, low quiescent current, and tiny
SOT-23 packaging enable use in a variety of
applications.
Input common-mode and power-supply voltages are
independent and can range from 2.7 V to 36 V for the
INA138 and 2.7 V to 60 V for the INA168. Quiescent
current is only 25 µA, which permits connecting the
power
supply
to
either
side
of
the
current
measurement shunt with minimal error.
The device converts a differential input voltage to a
current output. This current is converted back to a
voltage with an external load resistor that sets any
gain from 1 to over 100. Although designed for
current
shunt
measurement,
the
circuit
invites
creative applications in measurement and level
shifting.
Both the INA138 and INA168 are available in SOT23-
5 and are specified for the –40°C to 125°C
temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA138
SOT-23 (5)
2.90 mm × 1.60 mm
INA168
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Typical Application Circuit


Similar Part No. - INA138NA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138NA/250 BURR-BROWN-INA138NA/250 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA/250 TI1-INA138NA/250 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA138NA/250G4 TI1-INA138NA/250G4 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA138NA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138 TI-INA138_15 Datasheet
1Mb / 27P
INA1x8 High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com