Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 14 Page - Texas Instruments

Part # INA169NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA169NA/3K Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 10Page - Texas Instruments INA169NA/3K Datasheet HTML 11Page - Texas Instruments INA169NA/3K Datasheet HTML 12Page - Texas Instruments INA169NA/3K Datasheet HTML 13Page - Texas Instruments INA169NA/3K Datasheet HTML 14Page - Texas Instruments INA169NA/3K Datasheet HTML 15Page - Texas Instruments INA169NA/3K Datasheet HTML 16Page - Texas Instruments INA169NA/3K Datasheet HTML 17Page - Texas Instruments INA169NA/3K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
INA139
f
–3dB =
1
2 R
p
LCL
V
O
f
–3dB
R
L
C
L
3
4
Copyright © 2017, Texas Instruments Incorporated
Time
with buffer
without Buffer
14
INA139, INA169
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curve
Figure 11. Driving an ADC With and Without a Buffer
8.2.2 Output Filter
Figure 12. Output Filter
8.2.2.1 Design Requirements
Filter the output of the INA139 or INA169 devices.
8.2.2.2 Detailed Design Procedure
A low-pass filter can be formed at the output of the INA139 or INA169 devices simply by placing a capacitor of
the desired value in parallel with the load resistor. First, determine the value of the load resistor required to
achieve the desired gain. See the table in Figure 9. Next, determine the capacitor value that results in the
desired cutoff frequency according to the equation shown in Figure 12. Figure 13 illustrates various combinations
of gain settings (determined by RL) and filter capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com